Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5541 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS5541
Description  Low-power, High-Voltage, 24-Bit Delta-Sigma ADC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5541 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS5541 Datasheet HTML 6Page - Cirrus Logic CS5541 Datasheet HTML 7Page - Cirrus Logic CS5541 Datasheet HTML 8Page - Cirrus Logic CS5541 Datasheet HTML 9Page - Cirrus Logic CS5541 Datasheet HTML 10Page - Cirrus Logic CS5541 Datasheet HTML 11Page - Cirrus Logic CS5541 Datasheet HTML 12Page - Cirrus Logic CS5541 Datasheet HTML 13Page - Cirrus Logic CS5541 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
CS5541
10
DS500PP1
2. GENERAL DESCRIPTION
The CS5541 is a 24-bit, low-power and low-volt-
age
∆−Σ analog-to-digital converter (ADC). It is
optimized to convert analog signals in DC mea-
surement applications such as temperature and
pressure
measurement, and various portable devic-
es where low power consumption is required.
To accommodate these applications, the ADC inte-
grates analog input and reference buffers for in-
creased
input
impedance
and
includes
a
two-channel multiplexer. Absolute accuracy is
achieved via one-time or continuous calibration
modes. The device also operates with a variety of
supply configurations while drawing less than 330
µA.
The CS5541 includes two digital filters. The first
filter which achieves simultaneous rejection of
50/60 Hz provides single conversion settling at
13.4 SPS throughput or four conversion settling at
53.7 SPS throughput. The second filter which
achieves 16-bit performance provides single con-
version settling at 64.8 SPS throughput or four con-
version settling at 260 SPS throughput. (Either
filter’s output word rates can be increased by using
a faster master clock, up to 40 kHz).
To ease communication between the ADCs and a
microcontroller, the converters include a simple
three-wire serial interface which is SPI and Mi-
crowire compatible. A Schmitt Trigger input is pro-
vided on the serial clock (SCLK) input.
2.1 Analog Input
Figure 4 illustrates a block diagram of the CS5541.
The device consists of a multiplexer, a unity gain
coarse/fine charge input buffer, a fourth order
∆−Σ
modulator, and a digital filter.
2.1.1 Analog Input Model
Figure 5 illustrates the input models for the AIN
pins. The model includes a coarse/fine charge buff-
er which reduces the dynamic current demand on
the analog input signal. The buffer is designed to
accommodate rail to rail (common-mode plus sig-
nal) input voltages. Typical CVF (sampling) cur-
rent is about 12 nA (MCLK = 32.768 kHz).
Application Note 30, “Switched-Capacitor A/D In-
put Structures”, details various input architectures.
VREF+
Sinc
Digital
Filter
M
U
X
AIN2+
AIN2-
AIN1+
AIN1-
X1
X1
X1
VREF-
X1
Differential
4
Order
∆Σ
Modulator
th
4
Serial
Port
CS
SDI
SDO
SCLK
Figure 4. Multiplexer Configuration.
AIN
C = 8 pF
f = 2*MCLK = 65.536 kHz
φ Coarse
2
φ Fine
1
i
n = CV osf
V
os ≤ 25mV
Figure 5. Input model for AIN+ and AIN- pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com