Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5541 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS5541
Description  Low-power, High-Voltage, 24-Bit Delta-Sigma ADC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5541 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS5541 Datasheet HTML 9Page - Cirrus Logic CS5541 Datasheet HTML 10Page - Cirrus Logic CS5541 Datasheet HTML 11Page - Cirrus Logic CS5541 Datasheet HTML 12Page - Cirrus Logic CS5541 Datasheet HTML 13Page - Cirrus Logic CS5541 Datasheet HTML 14Page - Cirrus Logic CS5541 Datasheet HTML 15Page - Cirrus Logic CS5541 Datasheet HTML 16Page - Cirrus Logic CS5541 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
CS5541
DS500PP1
13
2.6 Serial Port
The CS5541 includes a state machine with an 8-bit
command register, which instructs the ADC to per-
form conversions, and a 24-bit conversion data reg-
ister (read only) to store conversion results. Figure
10 illustrates a block diagram of the internal regis-
ters.
After power is applied to the ADC (the ADC in-
cludes a power-on reset circuit) or after the user
transmits the serial port initialization sequence, the
serial port is set to the command mode. The con-
verter stays in this mode until a valid 8-bit com-
mand is received (the first 8 bits into the serial
port). Once a valid 8-bit data mode command is re-
ceived and interpreted by the ADC’s command
register, the serial port enters the data mode and
continuous conversions are performed. The SDO
pin falls at the end of a conversion and the user may
read the conversion data by providing 32 serial
clocks (SCLKs), as shown in Figure 11 . The first 8
SCLKs are needed to clear the SDO flag and to
read the status flags. During the next 24 SCLKs,
the conversion data is shifted out of the serial port.
To continue performing the conversions, SDI must
be kept low during the status read time. A new
command can be issued any time other than during
the data read. If the command happens to be a pow-
er save command, the serial port goes back to the
command mode. Otherwise, the conversions will
stop in progress and start new conversions based on
the information in the command byte, and the serial
port will remain in the data mode. Section 2.8,
“Command Register Quick Reference”, lists all
valid commands.
2.7 Serial Port Initialization Sequence
To initialize the serial port of the ADC to the com-
mand mode, the user can transmit the serial port
initialization sequence. The port initialization se-
quence involves clocking seven (or more) SYNC1
command bytes (0xFF) followed by one SYNC0
command byte (0xFE). Note that this sequence
places the ADC’s serial port in the command mode
where it waits until a valid command is received.
This sequence does not reset the internal registers
to their default settings. Further note that the se-
quence can be issued at any time and aids signifi-
cantly in initial code development.
Serial
Interface
CS
SDI
SDO
SCLK
Command Register (1 × 8)
Conversion Data Register (1x24)
Figure 10. CS5541 Register Diagram.
1st Command Time
8 SCLKs
SDO
SCLK
SDI
t
d *
Data Time
24 SCLKs
MSB
LSB
0
1
CH OD OF
1
1
8 SCLKs to read status
SDI set low while
reading status & data
1
t
o *
* t
d, to - Refer to Table 1. for output timing.
Figure 11. Command and Data Word Timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com