Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5541 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS5541
Description  Low-power, High-Voltage, 24-Bit Delta-Sigma ADC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5541 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS5541 Datasheet HTML 10Page - Cirrus Logic CS5541 Datasheet HTML 11Page - Cirrus Logic CS5541 Datasheet HTML 12Page - Cirrus Logic CS5541 Datasheet HTML 13Page - Cirrus Logic CS5541 Datasheet HTML 14Page - Cirrus Logic CS5541 Datasheet HTML 15Page - Cirrus Logic CS5541 Datasheet HTML 16Page - Cirrus Logic CS5541 Datasheet HTML 17Page - Cirrus Logic CS5541 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
CS5541
14
DS500PP1
2.8 Command Register Quick Reference
Notes: 23. After entering a Power Save Mode, the user must wait a minimum of 2 system clocks before issuing a
convert command.
24. A Power Save Mode cannot be entered by selectively setting the D5 bit.
0xAX must be written to the command register before the Sleep Mode will be enabled.
Similarly, 0xBX must be written to the command register before the Standby Mode will be enabled.
25. If Four Cycle Settling is selected (D3 = ’1’), the part will perform a one-time calibration when continuous
calibration is chosen.
D7(MSB)
D6
D5D4D3
D2D1
D0
CB
CH
PS
U/B
FS1
FS0
C1
C0
BIT
NAME
VALUE
FUNCTION
D7
Command Bit, CB
0
1
Reserved
Logic 1 for executable commands
D6
Channel Select, CH
0
1
Activate AIN1 for conversion
Activate AIN2 for conversion
D5
Power Save, PS
Notes 23, 24
0
1
Data Mode
Power Save Mode (Standby or Sleep)
D4
Unipolar/Bipolar, U/B
0
1
Bipolar Conversion Mode
Unipolar Conversion Mode
D3-D2
Filter Select, FS1-FS0
Note 25
00
01
10
11
Single Cycle Settling, 50/60 Hz Reject
Single Cycle Settling, No 50/60 Hz Reject
Four Cycle Settling, 50/60 Hz Reject
Four Cycle Settling, No 50/60 Hz Reject
D1-D0
Conversion Calibration
Select, C1-C0
00
01
10
11
Calibrate prior to each point
Perform a one time calibration
Use default calibration coefficients for conversions
Use existing calibration coefficients for conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com