Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5541 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS5541
Description  Low-power, High-Voltage, 24-Bit Delta-Sigma ADC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5541 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS5541 Datasheet HTML 2Page - Cirrus Logic CS5541 Datasheet HTML 3Page - Cirrus Logic CS5541 Datasheet HTML 4Page - Cirrus Logic CS5541 Datasheet HTML 5Page - Cirrus Logic CS5541 Datasheet HTML 6Page - Cirrus Logic CS5541 Datasheet HTML 7Page - Cirrus Logic CS5541 Datasheet HTML 8Page - Cirrus Logic CS5541 Datasheet HTML 9Page - Cirrus Logic CS5541 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
CS5541
6
DS500PP1
3 V DIGITAL CHARACTERISTICS (T
A = 25 °C; VA+ = 3.0 V ±5%, VA- = 0 V, VD+ = 3.0 V ± 5%,
DGND = 0 V.)(See Notes 2 and 13.)
Notes: 13. All measurements performed under static conditions.
Parameter
Symbol
Min
Typ
Max
Units
High-Level Input Voltage:
All Pins Except
OSC1, SCLK
OSC1
SCLK
VIH
VIH
VIH
0.6VD+
TBD
(VD+)-0.45
-
-
-
-
-
-
V
V
V
Low-Level Input Voltage:
All Pins Except
OSC1, SCLK
OSC1
SCLK
VIL
VIL
VIL
-
-
-
-
-
-
0.16VD+
TBD
0.6
V
V
V
High-Level Output Voltage:
(SDO pin)
Iout = -1.0 mA
VOH
(VD+)-0.25
-
-
V
Low-Level Output Voltage:
(SDO pin)
Iout = 1.0 mA
VOL
--
0.2
V
Input Leakage Current
Iin
-±1
±10
µA
3-State Leakage Current
IOZ
--
±10
µA
Digital Output Pin Capacitance
Cout
-9
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com