Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5541 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS5541
Description  Low-power, High-Voltage, 24-Bit Delta-Sigma ADC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5541 Datasheet(HTML) 4 Page - Cirrus Logic

  CS5541 Datasheet HTML 1Page - Cirrus Logic CS5541 Datasheet HTML 2Page - Cirrus Logic CS5541 Datasheet HTML 3Page - Cirrus Logic CS5541 Datasheet HTML 4Page - Cirrus Logic CS5541 Datasheet HTML 5Page - Cirrus Logic CS5541 Datasheet HTML 6Page - Cirrus Logic CS5541 Datasheet HTML 7Page - Cirrus Logic CS5541 Datasheet HTML 8Page - Cirrus Logic CS5541 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
CS5541
4
DS500PP1
1. CHARACTERISTICS AND SPECIFICATIONS
ANALOG CHARACTERISTICS (T
A = 25 °C; VA+ = +3 V ±5%, VA- = 0 V, VD+ = +3.0 V ±5%, DGND
= 0 V, VREF+ = 2.5 V, VREF- = 0 V, MCLK = 32.768 kHz, OWR (Output Word Rate) = 53.7 SPS, Bipolar Mode,
Input Range = ±2.5 V Differential, Vcm=1.25 V.) (See Notes 1 and 2.)
Notes: 1. Applies after a one-time self-calibration at any temperature within -40 °C ~ +85 °C.
2. Specifications guaranteed by design, characterization, and/or test.
3. Specification applies to the device only and does not include any effects by external parasitic
thermocouples.
4. Drift over specified temperature range after calibration at power-up at 25
°C.
5. Wideband noise aliased into the baseband. Referred to the input. Typical values shown for 25 °C.
6. For peak-to-peak noise multiply by 6.6 for all ranges and output rates.
7. RMS noise numbers assume continuous calibration mode is not used. In continuous calibration mode
the noise increases by a factor of two.
* Specifications are subject to change without notice.
Parameter
Min
Typ
Max
Units
Accuracy
Linearity Error
-
±0.0015
±0.003
%FS
No Missing Codes
24
-
-
Bits
Bipolar Offset
(Note 3)
-
±16
TBD
LSB24
Unipolar Offset
(Note 3)
-
±32
TBD
LSB24
Offset Drift
(Notes 3 and 4)
-
20
-
nV/°C
Bipolar Full Scale Error
-
±8
±31
ppm
Unipolar Full Scale Error
-
±16
±62
ppm
Full Scale Drift
(Note 4)
-
1
-
ppm/°C
Noise
(Notes 5, 6, and 7)
Filter Type
Output Word Rate (SPS) -3 dB Filter Frequency (Hz)
RMS Noise (µV)
Single Conversion Settling with
50/60 Hz Rejection
13.4
11.96
2
Four Conversion Settling with
50/60 Hz Rejection
53.7
11.96
2
Fast Filter with
Single Conversion Settling
64.8
56.91
35
Fast Filter with
Four Conversion Settling
260
56.91
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com