Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5550 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS5550
Description  Two-channel, Low-cost A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5550 Datasheet(HTML) 5 Page - Cirrus Logic

  CS5550 Datasheet HTML 1Page - Cirrus Logic CS5550 Datasheet HTML 2Page - Cirrus Logic CS5550 Datasheet HTML 3Page - Cirrus Logic CS5550 Datasheet HTML 4Page - Cirrus Logic CS5550 Datasheet HTML 5Page - Cirrus Logic CS5550 Datasheet HTML 6Page - Cirrus Logic CS5550 Datasheet HTML 7Page - Cirrus Logic CS5550 Datasheet HTML 8Page - Cirrus Logic CS5550 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
CS5550
DS630F1
5
2. CHARACTERISTICS/SPECIFICATIONS
•
Min / Max characteristics and specifications are guaranteed over all Operating Conditions.
•
Typical characteristics and specifications are measured at nominal supply voltages and TA = 25°C.
•
DGND = 0 V. All voltages with respect to 0 V.
ANALOG CHARACTERISTICS
Notes: 1. Applies after system calibration
2. Effective Input Impedance (EII) is determined by clock frequency (DCLK) and Input Capacitance (IC).
EII = 1/(IC*DCLK/4). Note that DCLK = MCLK / K.
Parameter
Symbol
Min
Typ
Max
Unit
Accuracy (Both Channels)
Common Mode Rejection
(DC, 50, 60 Hz)
CMRR
80
-
-
dB
Offset Drift
-
5
-
nV/°C
Analog Inputs (AIN1
±)
Differential Input Voltage Range
(Gain = 10)
{(AIN1+) - (AIN1-)}
(Gain = 50)
AIN1
0
0
-
-
500
100
mVP-P
mVP-P
Total Harmonic Distortion
THD1
80
-
-
dB
Common Mode + Signal
Both Gain Ranges
-0.25
-
VA+
V
Crosstalk with AIN2± at Full Scale
(50, 60 Hz)
-
-
-115
dB
Input Capacitance
(Gain = 10)
(Gain = 50)
IC1
-
-
25
25
-
-
pF
pF
Effective Input Impedance
(Gain = 10)
(Note 2)
(Gain = 50)
EII1
30
30
-
-
-
-
k
Ω
k
Ω
Noise (Referred to Input)
(Gain = 10)
(Gain = 50)
N1
-
-
-
-
22.5
4.5
µVrms
µVrms
Accuracy
Bipolar Offset Error
(Note 1)
VOS
-
-
±0.001
%F.S.
Full-Scale Error
(Note 1)
FSE
-
-
±0.001
%F.S.
Analog Inputs (AIN2
±)
Differential Input Voltage Range
{(AIN2+) - (AIN2-)}
AIN2
0-
500
mVP-P
Total Harmonic Distortion
THD2
65
-
-
dB
Common Mode + Signal
-0.25
-
VA+
V
Crosstalk with AIN1± at Full Scale
(50, 60 Hz)
-
-
-70
dB
Input Capacitance
(Gain = 10)
IC2
-0.2
-
pF
Effective Input Impedance (Note 2)
(Gain = 10)
EII2
5-
-
M
Ω
Noise (Referred to Input)
(Gain = 10)
N2
--
150
µVrms
Accuracy
Bipolar Offset Error
(Note 1)
VOS
-
-
±0.01
%F.S.
Full-Scale Error
(Note 1)
FSE
-
-
±0.01
%F.S.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com