Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5550 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS5550
Description  Two-channel, Low-cost A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5550 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS5550 Datasheet HTML 16Page - Cirrus Logic CS5550 Datasheet HTML 17Page - Cirrus Logic CS5550 Datasheet HTML 18Page - Cirrus Logic CS5550 Datasheet HTML 19Page - Cirrus Logic CS5550 Datasheet HTML 20Page - Cirrus Logic CS5550 Datasheet HTML 21Page - Cirrus Logic CS5550 Datasheet HTML 22Page - Cirrus Logic CS5550 Datasheet HTML 23Page - Cirrus Logic CS5550 Datasheet HTML 24Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
CS5550
20
DS630F1
5. REGISTER DESCRIPTION
1. “Default**” => bit status after power-on or reset
2. Any bit not labeled is Reserved. A zero should always be used when writing to one of these bits.
5.1 Configuration Register
Address: 0
Default** = 0x000001
gain
Sets the gain of the AIN1 PGA
0 = gain is 10
1 = gain is 50
[IMODE IINV] Soft interrupt configuration bits. Select the desired pin behavior for indication of an interrupt.
00 = active low level (default)
01 = active high level
10 = falling edge (INT is normally high)
11 = rising edge (INT is normally low)
1HPF
Control the use of the High Pass Filter on AIN1 Channel.
0 = HPF disabled
1 = HPF enabled
2HPF
Control the use of the High Pass Filter on AIN2 Channel.
0 = HPF disabled
1 = HPF enabled
iCPU
Inverts the CPUCLK clock. In order to reduce the level of noise present when analog signals
are sampled, the logic driven by CPUCLK should not be active during the sample edge.
0 = normal operation (default)
1 = minimize noise when CPUCLK is driving rising edge logic
K[3:0]
Clock divider. A 4-bit binary number used to divide the value of MCLK to generate the internal
clock DCLK. The internal clock frequency is DCLK = MCLK/K. The value of K can range be-
tween 1 and 16. Note that a value of “0000” will set K to 16 (not zero).
23
22
21
20
19
18
17
16
gain
15
14
13
12
11
10
9
8
IMODE
IINV
7
654
32
10
2HPF
1HPF
iCPU
K3
K2
K1
K0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com