Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5550 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS5550
Description  Two-channel, Low-cost A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5550 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS5550 Datasheet HTML 13Page - Cirrus Logic CS5550 Datasheet HTML 14Page - Cirrus Logic CS5550 Datasheet HTML 15Page - Cirrus Logic CS5550 Datasheet HTML 16Page - Cirrus Logic CS5550 Datasheet HTML 17Page - Cirrus Logic CS5550 Datasheet HTML 18Page - Cirrus Logic CS5550 Datasheet HTML 19Page - Cirrus Logic CS5550 Datasheet HTML 20Page - Cirrus Logic CS5550 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
CS5550
DS630F1
17
4.1.7 Register Read/Write
The Read/Write command informs the state machine that a register access is required. During a read operation, the
addressed register is loaded into the device’s output buffer and clocked out by SCLK. During a write operation, the
data is clocked into the input buffer and, and all 24 bits are transferred to the addressed register on the 24th SCLK.
W/R
Write/Read control
0 = Read register
1 = Write register
RA[4:0]
Register address bits (bits 1 through 5) of the read/write command.
Address
RA[4-0]
Abbreviation
Name/Description
0
00000
Config
Configuration Register
1
00001
AIN1DCoff
AIN1 Offset Register
2
00010
AIN1gn
AIN1 Gain Register
3
00011
AIN2DCoff
AIN2 Offset Register
2
00100
AIN2gn
AIN2 Gain Register
5
00101
Cycle Count
Number of A/D conversions used in one computation cycle (N)).
6
00110
Res
Reserved †
7
00111
OUT1
AIN1 Output Register
8
01000
OUT2
AIN2 Output Register
9
01001
Res
Reserved †
10
01010
Res
Reserved †
11
01011
FILT1
Computed Filtered value for AIN1
12
01100
FILT2
Computed Filtered value for AIN2
13
01101
Res
Reserved †
14
01110
Res
Reserved †
15
01111
Status
Status Register
16
10000
Res
Reserved
17
10001
Res
Reserved
18
10010
Res
Reserved †
19
10011
Res
Reserved
20
10100
Res
Reserved †
21
10101
Res
Reserved †
22
10110
Res
Reserved †
23
10111
Res
Reserved †
24
11000
Res
Reserved †
25
11001
Res
Reserved †
26
11010
Mask
Mask Register
27
11011
Res
Reserved †
28
11100
Ctrl
Control Register
29
11101
Res
Reserved †
30
11110
Res
Reserved †
31
11111
Res
Reserved †
† These registers are for internal use only. For proper device operation, the user must not attempt to write
to these registers.
B7
B6
B5
B4
B3
B2
B1
B0
0W/R
RA4
RA3
RA2
RA1
RA0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com