Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5550 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS5550
Description  Two-channel, Low-cost A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5550 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS5550 Datasheet HTML 16Page - Cirrus Logic CS5550 Datasheet HTML 17Page - Cirrus Logic CS5550 Datasheet HTML 18Page - Cirrus Logic CS5550 Datasheet HTML 19Page - Cirrus Logic CS5550 Datasheet HTML 20Page - Cirrus Logic CS5550 Datasheet HTML 21Page - Cirrus Logic CS5550 Datasheet HTML 22Page - Cirrus Logic CS5550 Datasheet HTML 23Page - Cirrus Logic CS5550 Datasheet HTML 24Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
CS5550
DS630F1
21
5.2 Offset Registers
Address:
1 (Offset Register - AIN1)
3 (Offset Register - AIN2)
Default** = 0.000
The Offset Registers are initialized to zero on reset, allowing the device to function and perform measurements.
The register is loaded after one computation cycle with the offset when the proper input is applied and the Cal-
ibration Command is received. DRDY will be asserted at the end of the calibration. The register may be read
and stored so the register may be restored with the desired system offset compensation. The value is in the
range ± full scale. The numeric format of this register is two’s complement notation.
5.3 Gain Registers
Address:
2 (Gain Register - AIN1)
4 (Gain Register - AIN2)
Default** = 1.000
The Gain registers are initialized to 1.0 on reset, allowing the device to function and perform measurements.
The Gain registers hold the result of the gain calibrations. If a calibration is performed, the register is loaded after
one computation cycle with the system gain when the proper DC input is applied and the Calibration Command
is received. DRDY will be asserted at the end of the calibration. The register may be read and stored so the
register may be restored with the desired system offset compensation. The value is in the range 0.0
≤ Gain <
3.9999.
5.4 Cycle Count Register
Address: 5
Default** = 4000
The Cycle Count Register value (denoted as ‘N’) determines the length of one computation cycle. During con-
tinuous conversions, the computation cycle frequency is (MCLK/K)/(1024
∗N) where MCLK is master clock input
frequency (into XIN/XOUT pins), K is clock divider value (as specified in the Configuration Register), and N is
Cycle Count Register Value.
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
21
20
2-1
2-2
2-3
2-4
2-5
2-6
.....
2-16
2-17
2-18
2-19
2-20
2-21
2-22
MSB
LSB
223
222
221
220
219
218
217
216
.....
26
25
24
23
22
21
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com