Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5550 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5550
Description  Two-channel, Low-cost A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5550 Datasheet(HTML) 1 Page - Cirrus Logic

  CS5550 Datasheet HTML 1Page - Cirrus Logic CS5550 Datasheet HTML 2Page - Cirrus Logic CS5550 Datasheet HTML 3Page - Cirrus Logic CS5550 Datasheet HTML 4Page - Cirrus Logic CS5550 Datasheet HTML 5Page - Cirrus Logic CS5550 Datasheet HTML 6Page - Cirrus Logic CS5550 Datasheet HTML 7Page - Cirrus Logic CS5550 Datasheet HTML 8Page - Cirrus Logic CS5550 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Copyright
© Cirrus Logic, Inc. 2005
(All Rights Reserved)
http://www.cirrus.com
CS5550
Two-channel, Low-cost A/D Converter
Features
Power Consumption <12 mW
- with VD+ = 3.3 V
Adjustable Input Range on AIN1
±
GND-referenced Signals with Single Supply
On-chip 2.5 V Reference (25 ppm/°C typ)
Simple Three-wire Digital Serial Interface
Power Supply Configurations
VA+ = +5 V; AGND = 0 V; VD+ = +3.3 V to +5 V
Description
The CS5550 combines two
∆Σ ADCs and a serial
interface on a single chip. The CS5550 has
on-chip functionality to facilitate offset and gain
calibration. The CS5550 features a bi-directional
serial
interface
for
communication
with
a
microcontroller.
ORDERING INFORMATION:
CS5550-IS
-40
°C to +85°C
24-pin SSOP
CS5550-ISZ
-40
°C to +85°C, Lead-free
24-pin SSOP
VA+
VD+
VREFIN
VREFOUT
AGND
XIN
XOUT CPUCLK
DGND
CS
SDO
SDI
SCLK
INT
Voltage
Reference
Clock
Generator
Serial
Interface
x1
RESET
Digital
Filter
+
4th Order
∆Σ
Modulator
2nd Order
∆Σ
Modulator
Digital
Filter
AIN2+
AIN2-
AIN1+
AIN1-
Config
Register
Output
Registers
Calibration
Registers
-
+
-
10x,50x
10x
MAR ‘05
DS630F1


Similar Part No. - CS5550

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CS55 SUMIDA-CS55 Datasheet
41Kb / 2P
RF COILS < SMD Type: CS Series>
logo
Cirrus Logic
CS5501 CIRRUS-CS5501 Datasheet
702Kb / 54P
Non-aliasing, 16- & 20-bit A/D Converters
CS5501 CIRRUS-CS5501 Datasheet
520Kb / 54P
Low-Cost, 16 & 20-Bit Measurement A/D Converter
CS5501-AP CIRRUS-CS5501-AP Datasheet
520Kb / 54P
Low-Cost, 16 & 20-Bit Measurement A/D Converter
CS5501-AS CIRRUS-CS5501-AS Datasheet
520Kb / 54P
Low-Cost, 16 & 20-Bit Measurement A/D Converter
More results

Similar Description - CS5550

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD561 AD-AD561 Datasheet
210Kb / 8P
Low Cost 10-Bit Monolithic D/A Converter
logo
List of Unclassifed Man...
ZN429E8 ETC-ZN429E8 Datasheet
195Kb / 7P
LOW COST 8-BIT D-A CONVERTER
logo
Intersil Corporation
HI-DAC80V INTERSIL-HI-DAC80V_01 Datasheet
92Kb / 8P
12-Bit, Low Cost, Monolithic D/A Converter
March 2001
logo
Analog Devices
AD561SD-883B AD-AD561SD-883B Datasheet
524Kb / 6P
Low Cost 10-Bit Monolithic D/A Converter
REV. G
ADC1100 AD-ADC1100_15 Datasheet
1Mb / 4P
LOW COST DUAL SLOPE A/D CONVERTER
DAC1146 AD-DAC1146_15 Datasheet
1Mb / 4P
LOW COST HIGH ACCURACY 18 BIT D/A CONVERTER
AD6012 AD-AD6012_15 Datasheet
2Mb / 6P
LOW COST MONOLITHIC 12 BIT D/A CONVERTER
AD561 AD-AD561_15 Datasheet
213Kb / 8P
Low Cost 10-Bit Monolithic D/A Converter
REV. A
AD561 AD-AD561_17 Datasheet
623Kb / 5P
LOW COST, 10-BIT MONOLITHIC D/A CONVERTER
28-Sep-2017
logo
Renesas Technology Corp
HI-DAC80V RENESAS-HI-DAC80V Datasheet
483Kb / 8P
12-Bit, Low Cost, Monolithic D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com