Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5550 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS5550
Description  Two-channel, Low-cost A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5550 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS5550 Datasheet HTML 9Page - Cirrus Logic CS5550 Datasheet HTML 10Page - Cirrus Logic CS5550 Datasheet HTML 11Page - Cirrus Logic CS5550 Datasheet HTML 12Page - Cirrus Logic CS5550 Datasheet HTML 13Page - Cirrus Logic CS5550 Datasheet HTML 14Page - Cirrus Logic CS5550 Datasheet HTML 15Page - Cirrus Logic CS5550 Datasheet HTML 16Page - Cirrus Logic CS5550 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
CS5550
DS630F1
13
is added to the signal path to nullify the DC offset
in the system.
3.4.5.2 Gain Calibration Sequence
Based on the level of the positive DC calibration
voltage applied across the “+’ and “-” inputs, the
CS5550 determines the Gain Register value by av-
eraging the Digital Output Register’s output signal
values over one computation cycle (N samples)
and then dividing this average into 1. Therefore, af-
ter the gain calibration, the Instantaneous Register
will read at full-scale whenever the DC level of the
input signal is equal to the level of the calibration
signal applied to the inputs during the gain calibra-
tion (see Figure 5).
3.4.6 Duration of Calibration Sequence
The value of the Cycle Count Register (N) deter-
mines the number of conversions performed by the
CS5550 during a given calibration sequence. For
offset/gain calibrations, the calibration sequence
takes at least N + 30 conversion cycles to com-
plete. As N is increased, the accuracy of calibration
results will increase.
3.5 Interrupt
The INT pin is used to indicate that an event has
taken place in the converter that needs attention.
These events inform the system about operation
conditions and internal error conditions. The INT
signal is created by combining the Status Register
with the Mask Register. Whenever a bit in the Sta-
tus Register becomes active, and the correspond-
ing bit in the Mask Register is a logic 1, the INT
signal becomes active. The interrupt condition is
cleared when the bits of the Status Register are re-
turned to their inactive state.
3.5.1 Typical use of the INT pin
The steps below show how interrupts can be han-
dled.
•
Initialization:
Step I0 - All Status bits are cleared by writing
FFFFFF (Hex) into the Status Register.
Step I1 - The conditional bits which will be used
to generate interrupts are then set to logic 1 in
the Mask Register.
Step I3 - Enable interrupts.
•
Interrupt Handler Routine:
Step H0 - Read the Status Register.
Step H1 - Disable all interrupts.
Step H2 - Branch to the proper interrupt service
routine.
Step H3 - Clear the Status Register by writing
back the read value in step H0.
Step H4 - Re-enable interrupts.
Step H5 - Return from interrupt service routine.
This handshaking procedure insures that any
new interrupts activated between steps H0 and
H3 are not lost (cleared) by step H3.
3.5.2 INT Active State
The behavior of the INT pin is controlled by the IM-
ODE and IINV bits of the Configuration Register.
The pin can be active low (default), active high, ac-
tive on a return to logic 0 (pulse-low), or active on
a return to logic 1 (pulse-high). If the interrupt out-
put signal format is set for either pulse-high or
FILT Register = 230/
250 = 0.92
250 mV
230 mV
0 V
-250 mV
0.9999...
0.92
-1.0000...
FILT Register = 0.9999...
230 mV
0 V
0.9999...
Before Gain Calibration (Vgain Register = 1)
After Gain Calibration (Vgain Register changed to 1.0870)
Output Register Values
Ouptut Register Values
DC Signal
DC Signal
INPUT
SIGNAL
INPUT
SIGNAL
Figure 5. Example of Gain Calibration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com