Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5550 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS5550
Description  Two-channel, Low-cost A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5550 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS5550 Datasheet HTML 8Page - Cirrus Logic CS5550 Datasheet HTML 9Page - Cirrus Logic CS5550 Datasheet HTML 10Page - Cirrus Logic CS5550 Datasheet HTML 11Page - Cirrus Logic CS5550 Datasheet HTML 12Page - Cirrus Logic CS5550 Datasheet HTML 13Page - Cirrus Logic CS5550 Datasheet HTML 14Page - Cirrus Logic CS5550 Datasheet HTML 15Page - Cirrus Logic CS5550 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
CS5550
12
DS630F1
3.4 Calibration
3.4.1 Overview of Calibration Process
The CS5550 offers digital calibration for offset and
gain. Since both channels have separate offset
and gain registers associated with them, system
offset or system gain can be performed on either
channel without the calibration results from one
channel affecting the other.
3.4.2 Calibration Sequence
1. Before Calibration the CS5550 must be operat-
ing in its active state, and ready to accept valid
commands. The ‘DRDY’ bit in the Status Register
should also be cleared.
2. Apply appropriate calibration signals to the in-
puts of the AIN1 and AIN2 channels (discussed
next in Sections 3.4.3 and 3.4.4.)
3. Send the 8-bit calibration command to the
CS5550 serial interface. Various bits within this
command specify the exact type of calibration. The
calibration command should not be sent to the de-
vice while performing A/D conversions.
4. After the CS5550 finishes the desired internal
calibration sequence, the DRDY bit is set in the
Status Register to indicate that the calibration se-
quence is complete. The results of the calibration
are now available in the appropriate gain/offset
registers.
3.4.3 Calibration Signal Input Level
For gain calibrations, there is an absolute limit on
the voltage levels that are selected for the gain cal-
ibration input signals. The maximum value that the
gain register can attain is 4. Therefore, for either
channel, if the voltage level of a gain calibration in-
put signal is low enough that it causes the CS5550
to attempt to set either gain register higher than 4,
the gain calibration result will be invalid and all
CS5550 results obtained while performing A/D
conversions will be invalid.
3.4.4 Input Configurations for Calibrations
Figure 3 shows the basic setup for gain calibration.
When performing a gain calibration a positive DC
voltage level must be applied at the inputs of the
AIN1 and/or AIN2 channels. This voltage should
be set to the level that represents the absolute
maximum instantaneous voltage level that needs
to be measured across the inputs (including the
maximum over-range level that must be accurately
measured).
For offset calibrations, the “+” and “-’ pins of the
AIN
± channels should be connected to their
ground reference level. (See Figure 4.)
Calibrating both offset and gain at the same time
will cause undesirable calibration results.
3.4.5 Description of Calibration Algo-
rithms
Note:
For proper calibration, the value of the
AIN1/AIN2 Gain Registers must be set to default (1.0)
before running the gain calibration(s), and the value in
the Offset Registers must be set to default (0) before
running offset calibrations. This can be accomplished
by a software or hardware reset of the device. The
values in the calibration registers do affect the results
of the calibration sequences.
3.4.5.1 Offset Calibration Sequence
The Offset Registers hold the negative of the sim-
ple average of N samples taken while the offset
calibration was executed. The inputs should be
grounded during offset calibration. The offset value
+
-
+
-
External
C on nections
AIN +
AIN-
CM
+
-
+
-
Full
Scale
XG A IN
Figure 3. System Calibration of Gain.
+
-
XGAIN
+
-
External
Connections
0V
+
-
AIN+
AIN-
CM +
-
Figure 4. System Calibration of Offset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com