Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5550 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS5550
Description  Two-channel, Low-cost A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5550 Datasheet(HTML) 4 Page - Cirrus Logic

  CS5550 Datasheet HTML 1Page - Cirrus Logic CS5550 Datasheet HTML 2Page - Cirrus Logic CS5550 Datasheet HTML 3Page - Cirrus Logic CS5550 Datasheet HTML 4Page - Cirrus Logic CS5550 Datasheet HTML 5Page - Cirrus Logic CS5550 Datasheet HTML 6Page - Cirrus Logic CS5550 Datasheet HTML 7Page - Cirrus Logic CS5550 Datasheet HTML 8Page - Cirrus Logic CS5550 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
CS5550
4
DS630F1
1. PIN DESCRIPTION
VREFIN
12
Voltage Reference Input
VREFOUT
11
Voltage Reference Output
AIN2-
10
Differential Analog Input
AIN2+
9
Differential Analog Input
TSTO
8
Test Output
CS
7
Chip Select
SDO
6
Serial Data Ouput
SCLK
5
Serial Clock
DGND
4
Digital Ground
VD+
3
Positive Power Supply
CPUCLK
2
CPU Clock Output
XOUT
1
Crystal Out
AGND
13
Analog Ground
VA+
14
Positive Analog Supply
AIN1-
15
Differential Analog Input
AIN1+
16
Differential Analog Input
TSTO
17
Test Output
TSTO
18
Test Output
RESET
19
Reset
INT
20
Interrupt
TSTO
21
Test Output
TSTO
22
Test Output
SDI
23
Serial Data Input
XIN
24
Crystal In
Clock Generator
Crystal Out
Crystal In
1,24
XOUT, XIN - A gate inside the chip is connected to these pins and can be used with a
crystal to provide the system clock for the device. Alternatively, an external (CMOS
compatible) clock can be supplied into XIN pin to provide the system clock for the device.
CPU Clock Output
2
CPUCLK - Output of on-chip oscillator which can drive one standard CMOS load.
Control Pins and Serial Data I/O
Serial Clock Input
5
SCLK - A clock signal on this pin determines the input and output rate of the data for the
SDI and SDO pins respectively. The SCLK pin will recognize clocks only when CS is low.
Serial Data Output
6
SDO -The serial data port output pin. Its output is in a high impedance state when CS is
high.
Chip Select
7
CS - When low, the port will recognize SCLK. An active high on this pin forces the SDO
pin to a high impedance state. CS should be changed when SCLK is low.
Reset
19
RESET - When reset is taken low, all internal registers are set to their default states.
Interrupt
20
INT - When INT goes low it signals that an enabled event has occurred.
Serial Data Input
23
SDI - The serial data port input pin. Data will be input at a rate determined by SCLK.
Measurement and Reference Input
Differential
Analog Inputs
9,10,15,16
AIN1+, AIN1-, AIN2+, AIN2- - Differential analog input pins.
Voltage
Reference Output
11
VREFOUT - The on-chip voltage reference output. The voltage reference has a nominal
magnitude of 2.5 V and is referenced to the AGND pin on the converter.
Voltage
Reference Input
12
VREFIN - The input establishes the voltage reference for the on-chip modulator.
Power Supply Connections
Positive
Digital Supply
3
VD+ - The positive digital supply relative to DGND.
Digital Ground
4,9,10
DGND - The common-mode potential of digital ground must be equal to or above the
common-mode potential of AGND.
Positive
Analog Supply
14
VA+ - The positive analog supply relative to AGND.
Analog Ground
13
AGND - The analog ground pin must be at the lowest potential.
Test Output
8,17,18,21,22 TSTO - These pins are used for factory testing and must be left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com