Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5550 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS5550
Description  Two-channel, Low-cost A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5550 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS5550 Datasheet HTML 15Page - Cirrus Logic CS5550 Datasheet HTML 16Page - Cirrus Logic CS5550 Datasheet HTML 17Page - Cirrus Logic CS5550 Datasheet HTML 18Page - Cirrus Logic CS5550 Datasheet HTML 19Page - Cirrus Logic CS5550 Datasheet HTML 20Page - Cirrus Logic CS5550 Datasheet HTML 21Page - Cirrus Logic CS5550 Datasheet HTML 22Page - Cirrus Logic CS5550 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
CS5550
DS630F1
19
as well as the other defined power states of the
CS5550, are described in Section 4.6).
Refer to Section 5 of the data sheet to see the de-
fault register values for any particular device regis-
ter.
4.5 Serial Port Initialization
It is possible for the serial interface to become un-
synchronized, with respect to the SCLK input. If
this occurs, any attempt to clock valid CS5550
commands into the serial interface will result in ei-
ther no operation or unexpected operation, be-
cause the CS5550 will not interpret the input
command bits correctly. The CS5550’s serial port
must then be re-initialized. To initialize the serial
port, any of the following actions can be performed:
1) Drive (assert) the CS pin low [or if CS pin is al-
ready low, drive the pin high, then back to low].
2) Hardware Reset (drive RESET pin low, for at
least 10 µs, then drive back to high).
3) Issue the Serial Port Initialization Sequence,
which is performed by clocking 3 (or more)
SYNC1 command bytes (0xFF) followed by
one SYNC0 command byte (0xFE).
4.6 CS5550 Power States
Active state denotes the operation of CS5550
when the device is fully powered on (not in sleep
state or stand-by state). Performing either of the
following actions will insure that the CS5550 is op-
erating in the active state:
1) Power on the CS5550. (Or if the device is al-
ready powered on, recycle the power.)
2) Software Reset
3) Hardware Reset
In addition to the actions listed above, note that if
the device is in sleep state or in stand-by state, the
action of waking up the device out of sleep state or
stand-by state (by issuing the Power-Up/Halt com-
mand) will also insure that the device is set into ac-
tive state. In order to send the Power-Up/Halt
command to the device, the serial port must be ini-
tialized. Therefore, after applying power to the
CS5550, a hardware reset should always be per-
formed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com