Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5550 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS5550
Description  Two-channel, Low-cost A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5550 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS5550 Datasheet HTML 12Page - Cirrus Logic CS5550 Datasheet HTML 13Page - Cirrus Logic CS5550 Datasheet HTML 14Page - Cirrus Logic CS5550 Datasheet HTML 15Page - Cirrus Logic CS5550 Datasheet HTML 16Page - Cirrus Logic CS5550 Datasheet HTML 17Page - Cirrus Logic CS5550 Datasheet HTML 18Page - Cirrus Logic CS5550 Datasheet HTML 19Page - Cirrus Logic CS5550 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
CS5550
16
DS630F1
4.1.4 Power-Up/Halt
If the device is powered-down, this command will power-up the device. When powered-on, no computations will be
running. If the part is already powered-on, all computations will be halted.
4.1.5 Power-Down and Software Reset
The device has two power-down states to conserve power. If the chip is put in stand-by state, all circuitry except the
analog/digital clock generators is turned off. In the sleep state, all circuitry except the digital clock generator and the
instruction decoder is turned off. Waking up the CS5550 out of sleep state requires more time than out of stand-by
state, because of the extra time needed to re-start and re-stabilize the analog clock signal.
S1,S0
Power-down state
00 = Software Reset
01 = Halt and enter stand-by power saving state. This state allows quick power-on time
10 = Halt and enter sleep power saving state. This state requires a slow power-on time
11 = Reserved
4.1.6 Calibration
The device has the capability of performing a system offset calibration and gain calibration. Offset and gain calibra-
tions should NOT be performed at the same time (must do one after the other). Proper inputs must be supplied to
the device before initiating calibration.
A2,A1
Designates calibration channel
00 = Not allowed
01 = Calibrate the AIN1 channel
10 = Calibrate the AIN2 channel
11 = Calibrate AIN1 channel and AIN2 channel simultaneously
G
Designates gain calibration
0 = Normal operation
1 = Perform gain calibration
O
Designates offset calibration
0 = Normal operation
1 = Perform offset calibration
B7
B6
B5
B4
B3
B2
B1
B0
10100000
B7
B6
B5
B4
B3
B2
B1
B0
100
S1
S0
000
B7
B6
B5
B4
B3
B2
B1
B0
1
1
0
A2
A1
0
G
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com