Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28Z610DRZR-R1 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # BQ28Z610DRZR-R1
Description  BQ28Z610-R1 Impedance Track??Gas Gauge and Protection Solution for 1-Series to 2-Series Cell Li-Ion Battery Packs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28Z610DRZR-R1 Datasheet(HTML) 14 Page - Texas Instruments

Back Button BQ28Z610DRZR-R1 Datasheet HTML 10Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 11Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 12Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 13Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 14Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 15Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 16Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 17Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
432
434
436
438
440
442
444
446
448
450
452
±40
±20
0
20
40
60
80
100
120
Temperature (ƒC)
C014
400
420
440
460
480
±40
±20
0
20
40
60
80
100
120
Temperature (ƒC)
C015
±173.6
±173.5
±173.4
±173.3
±173.2
±173.1
±173.0
±172.9
±40
±20
0
20
40
60
80
100
120
Temperature (ƒC)
C012
10.70
10.75
10.80
10.85
10.90
10.95
11.00
±40
±20
0
20
40
60
80
100
120
Temperature (ƒC)
C013
86.2
86.4
86.6
86.8
87.0
87.2
87.4
±40
±20
0
20
40
60
80
100
120
Temperature (ƒC)
C010
±87.2
±87.0
±86.8
±86.6
±86.4
±86.2
±86.0
±40
±20
0
20
40
60
80
100
120
Temperature (ƒC)
C011
14
BQ28Z610-R1
SLUSE07 – JANUARY 2020
www.ti.com
Product Folder Links: BQ28Z610-R1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Typical Characteristics (continued)
Threshold setting is 88.8 mV.
Figure 8. Short Circuit Charge Protection Threshold vs.
Temperature
Threshold setting is –88.8 mV.
Figure 9. Short Circuit Discharge 1 Protection Threshold vs.
Temperature
Threshold setting is –177.7 mV.
Figure 10. Short Circuit Discharge 2 Protection Threshold
vs. Temperature
Threshold setting is 11 ms.
Figure 11. Overcurrent Delay Time vs. Temperature
Threshold setting is 465 µs.
Figure 12. Short Circuit Charge Current Delay Time vs.
Temperature
Threshold setting is 465 µs (including internal delay).
Figure 13. Short Circuit Discharge 1 Delay Time vs.
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com