Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28Z610DRZR-R1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ28Z610DRZR-R1
Description  BQ28Z610-R1 Impedance Track??Gas Gauge and Protection Solution for 1-Series to 2-Series Cell Li-Ion Battery Packs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28Z610DRZR-R1 Datasheet(HTML) 3 Page - Texas Instruments

  BQ28Z610DRZR-R1 Datasheet HTML 1Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 2Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 3Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 4Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 5Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 6Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 7Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 8Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
1
VSS
12
VC1
2
SRN
11
VC2
3
SRP
10
PBI
4
TS1
9
CHG
5
SCL
8
PACK
6
SDA
7
DSG
Not to scale
Thermal
Pad
3
BQ28Z610-R1
www.ti.com
SLUSE07 – JANUARY 2020
Product Folder Links: BQ28Z610-R1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
(1)
P = Power Connection, O = Digital Output, AI = Analog Input, I = Digital Input, I/O = Digital Input/Output
6 Pin Configuration and Functions
DRZ Package
12-Pin VSON
Top View
Pin Functions
PIN
NUMBER
PIN NAME
TYPE
DESCRIPTION
1
VSS
P(1)
Device ground
2
SRN
AI
Analog input pin connected to the internal coulomb counter peripheral for integrating a
small voltage between SRP and SRN where SRP is the top of the sense resistor.
3
SRP
AI
Analog input pin connected to the internal coulomb counter peripheral for integrating a
small voltage between SRP and SRN where SRP is the top of the sense resistor.
4
TS1
AI
Temperature input for ADC to the oversampled ADC channel, and optional Battery Trip
Point (BTP) output
5
SCL
I/O
Serial Clock for I2C interface; requires external pullup when used
6
SDA
I/O
Serial Data for I2C interface; requires external pullup
7
DSG
O
N-CH FET drive output pin
8
PACK
AI, P
Pack sense input pin
9
CHG
O
N-CH FET drive output pin
10
PBI
P
Power supply backup input pin
11
VC2
AI, P
Sense voltage input pin for most positive cell, balance current input for most positive cell.
Primary power supply input and battery stack measurement input (BAT)
12
VC1
AI
Sense voltage input pin for least positive cell, balance current input for least positive cell
PWPD
—
Exposed Pad, electrically connected to VSS (external trace)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com