Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28Z610DRZR-R1 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # BQ28Z610DRZR-R1
Description  BQ28Z610-R1 Impedance Track??Gas Gauge and Protection Solution for 1-Series to 2-Series Cell Li-Ion Battery Packs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28Z610DRZR-R1 Datasheet(HTML) 24 Page - Texas Instruments

Back Button BQ28Z610DRZR-R1 Datasheet HTML 20Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 21Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 22Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 23Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 24Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 25Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 26Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 27Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
Battery
Gauge
Charger
Boost Converter
MCU
Audio
Power Amp
Audio Processor
Pack Side
System Side
2
I C
Power
Copyright © 2017, Texas Instruments Incorporated
24
BQ28Z610-R1
SLUSE07 – JANUARY 2020
www.ti.com
Product Folder Links: BQ28Z610-R1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Typical Applications (continued)
Figure 22. Wireless (Bluetooth) Speaker Application Block Diagram
9.2.1 Design Requirements (Default)
Design Parameter
Example
Cell Configuration
2s1p (2-series with 1 Parallel)
Design Capacity
4400 mAh
Device Chemistry
100 (LiCoO2/graphitized carbon)
Cell Overvoltage at Standard Temperature
4300 mV
Cell Undervoltage
2500 mV
Shutdown Voltage
2300 mV
Overcurrent in CHARGE Mode
6000 mA
Overcurrent in DISCHARGE Mode
–6000 mA
Short Circuit in CHARGE Mode
0.1 V/Rsense across SRP, SRN
Short Circuit in DISCHARGE 1 Mode
–0.1 V/Rsense across SRP, SRN
Safety Over Voltage
4500 mV
Cell Balancing
Disabled
Internal and External Temperature Sensor
Enabled
Under Temperature Charging
0°C
Under Temperature Discharging
0°C
BROADCAST Mode
Enabled
9.2.2 Detailed Design Procedure
9.2.2.1 Setting Design Parameters
For the firmware settings needed for the design requirements, refer to the BQ28Z610-R1 Technical Reference
Manual (SLUUC81).
•
To set the 2s1p battery pack, go to data flash Configuration: DA Configuration register's bit 0 (CC0) = 1.
•
To set design capacity, set the data flash value to 4400 in the Gas Gauging: Design: Design Capacity
register.
•
To set device chemistry, go to data flash SBS Configuration: Data: Device Chemistry. The BQSTUDIO
software automatically populates the correct chemistry identification. This selection is derived from using the
BQCHEM feature in the tools and choosing the option that matches the device chemistry from the list.
•
To protect against cell overvoltage, set the data flash value to 4300 in Protections: COV: Standard Temp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com