Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28Z610DRZR-R1 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # BQ28Z610DRZR-R1
Description  BQ28Z610-R1 Impedance Track??Gas Gauge and Protection Solution for 1-Series to 2-Series Cell Li-Ion Battery Packs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28Z610DRZR-R1 Datasheet(HTML) 21 Page - Texas Instruments

Back Button BQ28Z610DRZR-R1 Datasheet HTML 17Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 18Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 19Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 20Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 21Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 22Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 23Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 24Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
21
BQ28Z610-R1
www.ti.com
SLUSE07 – JANUARY 2020
Product Folder Links: BQ28Z610-R1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Feature Description (continued)
8.3.23 Gas Gauging
This device uses the Impedance Track™ technology to measure and determine the available charge in battery
cells. The accuracy achieved using this method is better than 1% error over the lifetime of the battery. There is
no full charge/discharge learning cycle required. See the Theory and Implementation of Impedance Track Battery
Fuel-Gauging Algorithm Application Report (SLUA364B) for further details.
8.3.24 Charge Control Features
This device supports charge control features, such as:
•
Reports charging voltage and charging current based on the active temperature range—JEITA temperature
ranges T1, T2, T3, T4, T5, and T6
•
Provides more complex charging profiles, including sub-ranges within a standard temperature range
•
Reports the appropriate charging current required for constant current charging and the appropriate charging
voltage needed for constant voltage charging to a smart charger, using the bus communication interface
•
Selects the chemical state-of-charge of each battery cell using the Impedance Track method, and reduces the
voltage difference between cells when cell balancing multiple cells in a series
•
Provides pre-charging/zero-volt charging
•
Employs charge inhibit and charge suspend if battery pack temperature is out of programmed range
•
Reports charging faults and indicates charge status via charge and discharge alarms
8.3.25 Authentication
This device supports security by:
•
Authentication by the host using the SHA-1 method
•
The gas gauge requires SHA-1 authentication before the device can be unsealed or allow full access.
8.4 Device Functional Modes
This device supports three modes, but the current consumption varies, based on firmware control of certain
functions and modes of operation:
•
NORMAL mode: In this mode, the device performs measurements, calculations, protections, and data
updates every 250-ms intervals. Between these intervals, the device is operating in a reduced power stage to
minimize total average current consumption.
•
SLEEP mode: In this mode, the device performs measurements, calculations, protections, and data updates
in adjustable time intervals. Between these intervals, the device is operating in a reduced power stage to
minimize total average current consumption.
•
SHUTDOWN mode: The device is completely disabled.
8.4.1 Lifetime Logging Features
The device supports data logging of several key parameters for warranty and analysis:
•
Maximum and minimum cell temperature
•
Maximum current in CHARGE or DISCHARGE mode
•
Maximum and minimum cell voltages
8.4.2 Configuration
The device supports accurate data measurements and data logging of several key parameters.
8.4.2.1 Coulomb Counting
The device uses an integrating delta-sigma analog-to-digital converter (ADC) for current measurement. The ADC
measures charge/discharge flow of the battery by measuring the voltage across a very small external sense
resistor. The integrating ADC measures a bipolar signal from a range of –100 mV to 100 mV, with a positive
value when V(SRP) – V(SRN), indicating charge current and a negative value indicating discharge current. The
integration method uses a continuous timer and internal counter, which has a rate of 0.65 nVh.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com