Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28Z610DRZR-R1 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # BQ28Z610DRZR-R1
Description  BQ28Z610-R1 Impedance Track??Gas Gauge and Protection Solution for 1-Series to 2-Series Cell Li-Ion Battery Packs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28Z610DRZR-R1 Datasheet(HTML) 23 Page - Texas Instruments

Back Button BQ28Z610DRZR-R1 Datasheet HTML 19Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 20Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 21Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 22Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 23Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 24Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 25Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 26Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
4
5
6
7
8
11
12
PACK+
SCL
SDA
PACK–
PBI
VC2
VC1
SRN
SRP
VSS
TS1
SCL
SDA
PACK
3
2
1
9
10
CHG
DSG
100
100
MM3Z5V6C
100
100
10 k
0.1 µF
1 µF
0.1 µF
2.2 µF
100
5
5.1 k
5.1 k
10 M
10 M
10
100
100
1 to 3 m
Ω
Fuse
1 s
2 s
PWPD
13
0.1
MM3Z5V6C
0.1 µF
0.1 µF
10 k
2N7002K
Note: The input filter capacitors of 0.1 µF for the SRN and SRP pins must be located near the pins of
the device.
0.1 µF
0.1 µF
µF
0.1 µF
23
BQ28Z610-R1
www.ti.com
SLUSE07 – JANUARY 2020
Product Folder Links: BQ28Z610-R1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
9 Applications and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The BQ28Z610-R1 gas gauge is a primary protection device that can be used with a 1- to 2-series Li-Ion/Li
Polymer battery pack. To implement and design a comprehensive set of parameters for a specific battery pack,
the user needs Battery Management Studio (BQSTUDIO), which is a graphical user-interface tool installed on a
PC during development. The firmware installed in the product has default values, which are summarized in the
BQ28Z610-R1 Technical Reference Manual (SLUUC81) for this product. Using the BQSTUDIO tool, these
default values can be changed to cater to specific application requirements during development once the system
parameters, such as fault trigger thresholds for protection, enable/disable of certain features for operation,
configuration of cells, chemistry that best matches the cell used, and more are known. This data can be referred
to as the "golden image."
9.2 Typical Applications
Figure 21 shows the BQ28Z610-R1 application schematic for the 2-series configuration. Figure 22 shows a
wireless (Bluetooth) speaker application block diagram.
Figure 21. BQ28Z610-R1 2-Series Cell Typical Implementation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com