Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28Z610DRZR-R1 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # BQ28Z610DRZR-R1
Description  BQ28Z610-R1 Impedance Track??Gas Gauge and Protection Solution for 1-Series to 2-Series Cell Li-Ion Battery Packs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28Z610DRZR-R1 Datasheet(HTML) 12 Page - Texas Instruments

Back Button BQ28Z610DRZR-R1 Datasheet HTML 8Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 9Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 10Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 11Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 12Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 13Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 14Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 15Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
tSU(STA)
SCL
SDA
tw(H)
tw(L)
tf
tr
t(BUF)
tr
td(STA)
REPEATED
START
th(DAT)
tsu(DAT)
tf
tsu(STOP)
STOP
START
12
BQ28Z610-R1
SLUSE07 – JANUARY 2020
www.ti.com
Product Folder Links: BQ28Z610-R1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
I
2C Interface Timing (continued)
Typical values stated where TA = 25ºC and VCC = 7.2 V, Min/Max values stated where TA = –40ºC to 85ºC and VCC = 2.2 V
to 7.6 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
NOM
MAX
UNIT
tHD(DATA)
Data hold time
0
µs
tSU(STOP)
Stop setup time
600
ns
tBUF
Bus free time
between stop and
start
1.3
µs
fSW
Clock operating
frequency
SLAVE mode, SCL 50% duty cycle
400
kHz
Figure 1. I2C Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com