Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28Z610DRZR-R1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ28Z610DRZR-R1
Description  BQ28Z610-R1 Impedance Track??Gas Gauge and Protection Solution for 1-Series to 2-Series Cell Li-Ion Battery Packs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28Z610DRZR-R1 Datasheet(HTML) 5 Page - Texas Instruments

  BQ28Z610DRZR-R1 Datasheet HTML 1Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 2Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 3Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 4Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 5Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 6Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 7Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 8Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5
BQ28Z610-R1
www.ti.com
SLUSE07 – JANUARY 2020
Product Folder Links: BQ28Z610-R1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.4 Thermal Information
THERMAL METRIC(1)
BQ28Z610-R1
UNIT
DRZ
12 PINS
RθJA, High K
Junction-to-ambient thermal resistance
186.4
°C/W
RθJC(top)
Junction-to-case(top) thermal resistance
90.4
RθJB
Junction-to-board thermal resistance
110.7
ψJT
Junction-to-top characterization parameter
96.7
ψJB
Junction-to-board characterization parameter
90
RθJC(bottom)
Junction-to-case(bottom) thermal resistance
n/a
(1)
Dependent on the use of the correct firmware (FW) configuration
7.5 Supply Current
Typical values stated where TA = 25ºC and VCC = 7.2 V, Min/Max values stated where TA = –40ºC to 85ºC and VCC = 2.2 V
to 7.6 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
INORMAL
(1)
NORMAL mode
CHG = ON, DSG = ON, No Flash Write
250
µA
ISLEEP
(1)
SLEEP mode
CHG = OFF, DSG = OFF, No Communication on
Bus
100
ISHUTDOWN
SHUTDOWN mode
0.5
2
µA
7.6 Power Supply Control
Typical values stated where TA = 25ºC and VCC = 7.2 V, Min/Max values stated where TA = –40ºC to 85ºC and VCC = 2.2 V
to 7.6 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VSWITCHOVER–
VC2 to PACK
switchover voltage
VVC2 < VSWITCHOVER–
2.0
2.1
2.2
V
VSWITCHOVER+
PACK to VC2
switchover voltage
VVC2 > VSWITCHOVER– + VHYS
3.0
3.1
3.2
V
VHYS
Switchover voltage
hysteresis
VSWITCHOVER+ – VSWITCHOVER–
1000
mV
ILKG
Input Leakage
current
VC2 pin, VC2 = 0 V, PACK = 25 V
1
µA
PACK pin, VC2 = 25 V, PACK = 0 V
1
VC2 and PACK pins, VC2 = 0 V, PACK = 0 V,
PBI = 25 V
1
RPACK(PD)
Internal pulldown
resistance
PACK
30
40
50
kΩ
7.7 Low-Voltage General Purpose I/O, TS1
Typical values stated where TA = 25ºC and VCC = 7.2 V, Min/Max values stated where TA = –40ºC to 85ºC and VCC = 2.2 V
to 7.6 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VIH
High-level input
0.65 x VREG
V
VIL
Low-level input
0.35 x VREG
V
VOH
Output voltage high
IOH = – 1.0 mA
0.75 x VREG
V
VOL
Output voltage low
IOL = 1.0 mA
0.2 x VREG
V
CIN
Input capacitance
5
pF
ILKG
Input leakage
current
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com