Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28Z610DRZR-R1 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # BQ28Z610DRZR-R1
Description  BQ28Z610-R1 Impedance Track??Gas Gauge and Protection Solution for 1-Series to 2-Series Cell Li-Ion Battery Packs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28Z610DRZR-R1 Datasheet(HTML) 26 Page - Texas Instruments

Back Button BQ28Z610DRZR-R1 Datasheet HTML 22Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 23Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 24Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 25Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 26Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 27Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 28Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 29Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
26
BQ28Z610-R1
SLUSE07 – JANUARY 2020
www.ti.com
Product Folder Links: BQ28Z610-R1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
9.2.3 Application Curve
Figure 23. Elapsed Time(s)
10 Power Supply Recommendations
There are two inputs for this device, the PACK input and VC2. The PACK input can be an unregulated input from
a typical AC adapter. This input should always be greater than the maximum voltage associated with the number
of series cells configured. The input voltage for the VC2 pin will have a minimum of 2.2 V to a maximum of 26 V
with the recommended external RC filter.
11 Layout
11.1 Layout Guidelines
•
The layout for the high-current path begins at the PACK+ pin of the battery pack. As charge current travels
through the pack, it finds its way through protection FETs, a chemical fuse, the Li-Ion cells and cell
connections, and the sense resistor, and then returns to the PACK– pin. In addition, some components are
placed across the PACK+ and PACK– pins to reduce effects from electrostatic discharge.
•
The N-channel charge and discharge FETs must be selected for a given application. Most portable battery
applications are a good option for the CSD16412Q5A. These FETs are rated at 14-A, 25-V device with
Rds(on) of 11 mΩ when the gate drive voltage is 10 V. The gates of all protection FETs are pulled to the
source with a high-value resistor between the gate and source to ensure they are turned off if the gate drive
is open. The capacitors (both 0.1 µF values) placed across the FETs are to help protect the FETs during an
ESD event. The use of two devices ensures normal operation if one of them becomes shorted. For effective
ESD protection, the copper trace inductance of the capacitor leads must be designed to be as short and wide
as possible. Ensure that the voltage rating of both these capacitors is adequate to hold off the applied voltage
if one of the capacitors becomes shorted.
•
The quality of the Kelvin connections at the sense resistor is critical. The sense resistor must have a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com