Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28Z610DRZR-R1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ28Z610DRZR-R1
Description  BQ28Z610-R1 Impedance Track??Gas Gauge and Protection Solution for 1-Series to 2-Series Cell Li-Ion Battery Packs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28Z610DRZR-R1 Datasheet(HTML) 4 Page - Texas Instruments

  BQ28Z610DRZR-R1 Datasheet HTML 1Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 2Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 3Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 4Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 5Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 6Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 7Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 8Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4
BQ28Z610-R1
SLUSE07 – JANUARY 2020
www.ti.com
Product Folder Links: BQ28Z610-R1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage range, VCC
VC2, PBI
–0.3
30
V
Input voltage range, VIN
PACK
–0.3
30
V
TS
–0.3
VREG + 0.3
V
SRP, SRN
–0.3
0.3
V
VC2
VC1 – 0.3
VC1 + 8.5 or
VSS + 30
V
VC1
VSS – 0.3
VSS + 8.5 or
VSS + 30
V
Communication Interface
SDA, SCL
–0.3
6
V
Output voltage range, VO
CHG, DSG
–0.3
32
V
Maximum VSS current, ISS
±50
mA
Functional Temperature, TFUNC
–40
110
°C
Lead temperature (soldering, 10 s), TSOLDER
±300
°C
Storage temperature range, TSTG
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
V
Charged device model (CDM), per JEDEC specification JESD22-C101, all
pins(2)
±500
7.3 Recommended Operating Conditions
Typical values stated where TA = 25ºC and VCC = 7.2 V, Min/Max values stated where TA = –40ºC to 85ºC and VCC = 2.2 V
to 26 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
NOM
MAX
UNIT
VCC
Supply voltage
VC2, PBI
2.2
26
V
VSHUTDOWN–
Shutdown voltage
VPACK < VSHUTDOWN–
1.8
2.0
2.2
V
VSHUTDOWN+
Start-up voltage
VPACK > VSHUTDOWN– + VHYS
2.05
2.25
2.45
V
VHYS
Shutdown voltage
hysteresis
VSHUTDOWN+ – VSHUTDOWN–
250
mV
VIN
Input voltage range
SDA, SCL
5.5
V
TS1
VREG
SRP, SRN
–0.2
0.2
VC2
VVC1
VVC1 + 5
VC1
VVSS
VVSS + 5
PACK
26
VO
Output voltage range
CHG, DSG
26
V
CPBI
External PBI capacitor
2.2
µF
TOPR
Operating temperature
–40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com