Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28Z610DRZR-R1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ28Z610DRZR-R1
Description  BQ28Z610-R1 Impedance Track??Gas Gauge and Protection Solution for 1-Series to 2-Series Cell Li-Ion Battery Packs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28Z610DRZR-R1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ28Z610DRZR-R1 Datasheet HTML 7Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 8Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 9Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 10Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 11Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 12Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 13Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 14Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
11
BQ28Z610-R1
www.ti.com
SLUSE07 – JANUARY 2020
Product Folder Links: BQ28Z610-R1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
7.25 N-CH FET Drive (CHG, DSG)
Typical values stated where TA = 25ºC and VCC = 7.2 V, Min/Max values stated where TA = –40ºC to 85ºC and VCC = 2.2 V
to 7.6 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Output voltage ratio
RatioDSG = (VDSG – VVC2)/VVC2, 2.2 V < VVC2 < 4.07 V, 10
MΩ between PACK and DSG
2.133
2.333
2.467
—
RatioCHG = (VCHG – VVC2)/VVC2, 2.2 V < VVC2 < 4.07 V, 10
MΩ between BAT and CHG
2.133
2.333
2.467
V(FETON)
Output voltage,
CHG and DSG on
VDSG(ON) = VDSG – VVC2, 4.07 V ≤ VVC2 ≤ 18 V, 10 MΩ
between PACK and DSG
8.75
9.5
10.25
V
VCHG(ON) = VCHG – VVC2, 4.07 V ≤ VVC2 ≤ 18 V, 10 MΩ
between VC2 and CHG
8.75
9.5
10.25
V(FETOFF)
Output voltage,
CHG and DSG off
VDSG(OFF) = VDSG – VPACK, 10 MΩ between PACK and
DSG
–0.4
0.4
V
VCHG(OFF) = VCHG – VBAT, 10 MΩ between VC2 and CHG
–0.4
0.4
tR
Rise time
VDSG from 0% to 35% VDSG(ON)(TYP), VBAT ≥ 2.2 V, CL =
4.7 nF between DSG and PACK, 5.1 kΩ between DSG
and CL, 10 MΩ between PACK and DSG
200
500
µs
VCHG from 0% to 35% VCHG(ON)(TYP), VVC2 ≥ 2.2 V, CL =
4.7 nF between CHG and VC2, 5.1 kΩ between CHG and
CL, 10 MΩ between VC2 and CHG
200
500
tF
Fall time
VDSG from VDSG(ON)(TYP) to 1 V, VVC2 ≥ 2.2 V, CL = 4.7 nF
between DSG and PACK, 5.1 kΩ between DSG and CL,
10 MΩ between PACK and DSG
40
300
µs
VCHG from VCHG(ON)(TYP) to 1 V, VVC2 ≥ 2.2 V, CL = 4.7 nF
between CHG and VC2, 5.1 kΩ between CHG and CL, 10
MΩ between VC2 and CHG
40
200
7.26 I
2C Interface I/O
Typical values stated where TA = 25ºC and VCC = 7.2 V, Min/Max values stated where TA = –40ºC to 85ºC and VCC = 2.2 V
to 7.6 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VIH
Input voltage high
SCL, SDA, VREG = 1.8 V (STANDARD and FAST modes) 0.7 × VREG
V
VIL
Input voltage low
SCL, SDA, VREG = 1.8 V (STANDARD and FAST modes)
–0.5
0.3 × VREG
V
VOL
Output low voltage
SCL, SDA, VREG = 1.8 V, IOL = 1 mA (FAST mode)
0.2 × VREG
V
SCL, SDA, VREG > 2.0 V, IOL = 1 mA (STANDARD and
FAST modes)
0.4
V
CIN
Input capacitance
10
pF
ILKG
Input leakage
current
1
µA
RPD
Pull-down resistance
3.3
kΩ
7.27 I
2C Interface Timing
Typical values stated where TA = 25ºC and VCC = 7.2 V, Min/Max values stated where TA = –40ºC to 85ºC and VCC = 2.2 V
to 7.6 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
NOM
MAX
UNIT
tR
Clock rise time
10% to 90%
300
ns
tF
Clock fall time
90% to 10%
300
ns
tHIGH
Clock high period
600
ns
tLOW
Clock low period
1.3
µs
tSU(START)
Repeated start setup
time
600
ns
td(START)
Start for first falling
edge to SCL
600
ns
tSU(DATA)
Data setup time
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com