Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BWS Datasheet(PDF) 3 Page - Bellnix Co.,Ltd.

Part # BWS
Description  Contactless power supply module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

BWS Datasheet(HTML) 3 Page - Bellnix Co.,Ltd.

  BWS Datasheet HTML 1Page - Bellnix Co.,Ltd. BWS Datasheet HTML 2Page - Bellnix Co.,Ltd. BWS Datasheet HTML 3Page - Bellnix Co.,Ltd. BWS Datasheet HTML 4Page - Bellnix Co.,Ltd. BWS Datasheet HTML 5Page - Bellnix Co.,Ltd. BWS Datasheet HTML 6Page - Bellnix Co.,Ltd. BWS Datasheet HTML 7Page - Bellnix Co.,Ltd. BWS Datasheet HTML 8Page - Bellnix Co.,Ltd. BWS Datasheet HTML 9Page - Bellnix Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Contactless power supply module
BWS Series
3
Bellnix
AC-DC Converter
BWS20170519_C01
5. Output specifications
5
–1.
Output specifications
(* Unless otherwise specified, measured at room temperature and distance between transmitting and
receiving transformers 0mm, possible power supply distance
0mm ~ 10mm in the direction
perpendicular to the power supply plane.)
5-2. R i p p l e n o i s e
A dummy load device (electronic load) is used when measuring the ripple noise.
Measured with 20MHz band oscilloscope, using measuring circuit shown below.
Parameter
Specifications
Remarks
R a t e d o u t p u t v o l t a g e
DC28.7V
-
Output voltage accurac y
DC27.26V~DC30.14
-
R a t e d o u t p u t c u r r e n t
1.5A
-
O u t p u t
c u r r e n t
0.9~1.5A
-
Output current accurac y
1.54A±10%
*Stability when operating
at
constant current
R i p p l e
n o i s e
200mVP-P typ.
400mVP-P max.
*See chapter 5-2
I n p u t f l u c t u a t i o n
20mV max.
*See chapter 5-4
L o a d f l u c t u a t i o n
20mV max.
*See chapter 5-5
Output overvoltage protection
No
-
ON/OFF
c o n t r o l
Yes
*See chapter 5-7
荷
+Vout
-Vout
出力コネクタ
セラミックコンデンサ
0.1uF
リップル/ノイズ測定
負
ツイスト
1.5m 50
Ω
同軸ケーブル
抵抗 51
Ω
Output
connector
Ripple noise
measurement
Twisted pair
Coaxial cable
Resistor 51Ω
Ceramic
condenser



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com