Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BWS Datasheet(PDF) 10 Page - Bellnix Co.,Ltd.

Part # BWS
Description  Contactless power supply module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

BWS Datasheet(HTML) 10 Page - Bellnix Co.,Ltd.

Back Button BWS Datasheet HTML 5Page - Bellnix Co.,Ltd. BWS Datasheet HTML 6Page - Bellnix Co.,Ltd. BWS Datasheet HTML 7Page - Bellnix Co.,Ltd. BWS Datasheet HTML 8Page - Bellnix Co.,Ltd. BWS Datasheet HTML 9Page - Bellnix Co.,Ltd. BWS Datasheet HTML 10Page - Bellnix Co.,Ltd. BWS Datasheet HTML 11Page - Bellnix Co.,Ltd. BWS Datasheet HTML 12Page - Bellnix Co.,Ltd. BWS Datasheet HTML 13Page - Bellnix Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Contactless power supply module
BWS Series
10
Bellnix
AC-DC Converter
BWS20170519_C01
7-2-3. Pin assignment of the inverter circuit board
CN
No.
Terminal name
Terminal type
Terminal
No.
Indication
Electrical function
CN1
Vin
Connector:
<B3P-VH:JST>
1
1
Input DC360V
-
2
-
GND
3
3
GND
CN2
Vout 1
Connector:
<B4P-VH:JST>
1
1
Output AC180V
(connected to power transmitting
transformer)
-
2
-
-
3
-
Vout 2
4
4
Output AC180V
(connected to power transmitting
transformer)
CN4
+12V
Connector:
<B10B-XH-A:JST>
1
1
Power supply output terminal
for inverter ON/OFF control
GND
2
-
GND
LED1
3
-
External LED connection terminal
-
4
-
Not used
-
5
-
Not used
RC-IN- +
6
-
Inverter ON/OFF control terminal +
RC-IN-G
7
-
Inverter ON/OFF control terminal -
RC-OUT- +
8
-
RC signal output terminal +
RC-OUT-G
9
-
RC signal output terminal -
-
10
10
Not used
CN8
Vin
Connector:
<B3P-VH:JST>
1
1
Input DC360V
-
2
-
GND
3
3
GND
*
Connect harness BWSH02 to CN1, and power transmitting transformer to CN2.
*
Contact preventing housing (VHR-3N) is connected to CN8 .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com