Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BWS Datasheet(PDF) 13 Page - Bellnix Co.,Ltd.

Part # BWS
Description  Contactless power supply module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

BWS Datasheet(HTML) 13 Page - Bellnix Co.,Ltd.

Back Button BWS Datasheet HTML 5Page - Bellnix Co.,Ltd. BWS Datasheet HTML 6Page - Bellnix Co.,Ltd. BWS Datasheet HTML 7Page - Bellnix Co.,Ltd. BWS Datasheet HTML 8Page - Bellnix Co.,Ltd. BWS Datasheet HTML 9Page - Bellnix Co.,Ltd. BWS Datasheet HTML 10Page - Bellnix Co.,Ltd. BWS Datasheet HTML 11Page - Bellnix Co.,Ltd. BWS Datasheet HTML 12Page - Bellnix Co.,Ltd. BWS Datasheet HTML 13Page - Bellnix Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Contactless power supply module
BWS Series
13
Bellnix
AC-DC Converter
BWS20170519_C01
11. How swapping
Hot swapping of both input and output is not allowed.
12. Precautions
To ensure user's safety, check product specifications before using the product and always observe the
following precautions when using it.
 When using the product, do not allow metal and other foreign objects to get caught between power
transmitting and receiving transformer. It may cause heating or loss of efficiency.
 When installing the product, place it so that fixing metal parts and electronic components do not
protrude in the direction of the power feeding surface (black resin plate) of the power transmitting and
receiving transformers.
 During power transmission the magnetic flux density in the range of up to 60 mm from power
transmitting and receiving transformers is 27μT or more. When installing the product, ensure that heads,
pacemakers and precision equipment can not be brought close to this range.
 The product contains circuits operating at high voltage. Touching boards during power transmission
may cause electric shock.
 Even if the power transmitting transformer is within the power feeding range, increasing gap or
displacement will cause heating of the aluminum housing. When installing the product, consider the
heat resistant temperature of the housing. *Reference temperature rise value 50°C (for Gap12mm)
 The aluminum plate of the power receiving module (BWS 50 - 28S1R5R) may become hot. When
installing the product, consider the heat resistant temperature of the housing. *Reference temperature
rise value 30°C
 When using this product to charge batteries, confirming that the charging specification of batteries is
compatible with the specification of this product before using it.
 The product is intended for use in general electronics equipment (office equipment, communication
equipment, measurement equipment). Do not use the product in medical equipment, nuclear
equipment, trains, and other areas, where human life or property may be directly affected by damaged
product. For any use other than in general electronics equipment please consult the manufacturer.
 The product is not suitable for parallel operation.
 Minor changes and component changes that do not significantly affect specifications can be made
due to improvement of product characteristics and other reasons without prior notice.
 The product may be damaged if used under nonstandard electrical or environmental conditions
including temperature, etc. The product must be always used within specifications.
 Avoid storing or using the product in places where corrosive gas or dust are generated.
 The product may be damaged by static electricity. Take measures against static electricity in the
working environment, such as using grounding straps to discharge the static charge on workers, etc.
 The product does not contain build-in overvoltage protection.
 The product does not come with a test report.
13. Warranty
The warranty period of this product is one year. Should the product become defective within the warranty
period due defects in design or manufacture, it will be repaired or replaced free of charge. However, this
warranty does not cover products which have been subjected to internal modifications, etc.
The scope of the warranty is limited to this product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com