Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BWS Datasheet(PDF) 7 Page - Bellnix Co.,Ltd.

Part # BWS
Description  Contactless power supply module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

BWS Datasheet(HTML) 7 Page - Bellnix Co.,Ltd.

Back Button BWS Datasheet HTML 3Page - Bellnix Co.,Ltd. BWS Datasheet HTML 4Page - Bellnix Co.,Ltd. BWS Datasheet HTML 5Page - Bellnix Co.,Ltd. BWS Datasheet HTML 6Page - Bellnix Co.,Ltd. BWS Datasheet HTML 7Page - Bellnix Co.,Ltd. BWS Datasheet HTML 8Page - Bellnix Co.,Ltd. BWS Datasheet HTML 9Page - Bellnix Co.,Ltd. BWS Datasheet HTML 10Page - Bellnix Co.,Ltd. BWS Datasheet HTML 11Page - Bellnix Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Contactless power supply module
BWS Series
7
Bellnix
AC-DC Converter
BWS20170519_C01
5-10. Allowable power supply range
The figure below shows the ranges in which operation at the rated load is possible for given
gap and displacement, when transmitting and receiving transformers are facing each other. X
axis shows the direction along short size of transmitting and receiving transformers, and Y axis
shows the direction along long side of the transformers.
※The actual allowable power supply range is influenced by environment surrounding the
mounting position, and can be bigger or smaller.
The allowable range below is given for room temperature and under the condition that no
metal objects are placed around the transformer.
6. Insulation resistance and withstand voltage
6
–1. Insulation resistance:
・PFC module
Between all inputs and outputs and FG (housing)
50MΩ or higher using DC500V megger
・Power transmitting module
Between all inputs and outputs and aluminum case of transmitting transformer
50MΩ or higher
using DC500V megger
・Power receiving module
Between all inputs and outputs and rear aluminum plate
50MΩ or higher using DC500V megger
6-2. Withstand voltage:
・PFC module
Between all inputs and outputs and FG (housing)
AC1500V during 1 minute, no
failures
・Power transmitting module
Between all inputs and outputs and aluminum case of transmitting transformer AC1500V during 1
minute, no failures
・Power receiving module
Between all inputs and outputs and rear aluminum plate AC500V during 1 minute, no failures
※ To obtain this value for the PFC module, six spacers of 7 mm or more length were mounted on
the housing.
X
Y
0
5
5
10
10
15
15
20
20
0
5
5
10
10
15
15
20
20
25
25
Gap
0mm
Gap
5mm
Gap
10mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com