Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BWS Datasheet(PDF) 1 Page - Bellnix Co.,Ltd.

Part # BWS
Description  Contactless power supply module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

BWS Datasheet(HTML) 1 Page - Bellnix Co.,Ltd.

  BWS Datasheet HTML 1Page - Bellnix Co.,Ltd. BWS Datasheet HTML 2Page - Bellnix Co.,Ltd. BWS Datasheet HTML 3Page - Bellnix Co.,Ltd. BWS Datasheet HTML 4Page - Bellnix Co.,Ltd. BWS Datasheet HTML 5Page - Bellnix Co.,Ltd. BWS Datasheet HTML 6Page - Bellnix Co.,Ltd. BWS Datasheet HTML 7Page - Bellnix Co.,Ltd. BWS Datasheet HTML 8Page - Bellnix Co.,Ltd. BWS Datasheet HTML 9Page - Bellnix Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Contactless power supply module
BWS Series
1
Bellnix
AC-DC Converter
BWS20170519_C01
1. Application
This specification applies to the contactless power supply module BWS50-
28S1R5.
2. Overview
BWS50-28S1R5 is a module designed for power transmission using contactless power transfer
technology. The module consists from 3 modules: PFC module, power transmitting module and power
receiving module.
Although assumed usage of this product is charging of lithium ion batteries with capacity of 3~10 Ah, it
can also be used as power supply with fixed voltage and current. In this case confirm the operation mode
before using the module.
2-1. Overall structure of the module
Components of the BWS50-28S1R5 module are listed below.
Component
Model
Rated input
voltage
Rated output
Remarks
PFC module
BWS50-28S1R5P
AC100/200V
DC 360V
PFC circuit
Power transmitting
module
BWS50-28S1R5T
DC 360V
-
Contains inverter circuit and power
transmitting transformer
Power receiving
module
BWS50-28S1R5R
-
28.7V, 1.5A
Contains power receiving transformer,
rectifier circuit and
CCCV circuit
*Inverter circuit board and power transmitting transformer of the power transmitting module are adjusted
together at the time of shipment. Always confirm that pairing indication numbers match before using the
module.
The following parts are included as accessories
Model
Length
Terminal
treatment
Remarks
Harness 1 for BWS series
BWSH01
300mm
FN1.25-4
VHR-5N
For commercial power supply input
Harness 2 for BWS series
BWSH02
300mm
VHR-3N
VHR-3N
For connection of PFC circuit to inverter
circuit
Harness 3 for BWS series
BWSH03
300mm
XHP-2
XHP-2
For DC28.7V output
2-2. Components of the PFC module (BWS50-28S1R5P)
・PFC circuit
:
PFC circuit for BWS50-28S1R5
・Harness for commercial power supply input
:
BWSH01
インバータ
回路
PFC
回路
送電
トランス
受電
トランス
整流回路
+
CCCV回路
BATT
etc.
BWS50-28S1R5P
(PFCモジュール)
BWS50-28S1R5T
(送電モジュール)
BWS50-28S1R5R
(受電モジュール)
商用電源
BWS50-28S1R5
(非接触給電モジュール)
BWS50-28S1R5 overall block diagram
Commercial
power supply
(PFC module)
(Contactless power supply module)
(Power transmitting module)
(Power receiving module)
PFC
circuit
Inverter
circuit
Power
transmitting
transformer
Power
receiving
transformer
Rectifier
circuit +
CCCV circuit


Similar Part No. - BWS

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
BWS ASTRODYNE-BWS Datasheet
3Mb / 16P
10WATT AC-DC CONVERTER
logo
Bruckewell Technology L...
BWS-28-40-SA BWTECH-BWS-28-40-SA Datasheet
306Kb / 1P
28mil 40V Standard Barrier
BWS-32-100-MA BWTECH-BWS-32-100-MA Datasheet
586Kb / 1P
32mil 100V High Barrier
BWS-32-40-SA BWTECH-BWS-32-40-SA Datasheet
303Kb / 1P
32mil 40V Standard Barrier
BWS-40-40-SA BWTECH-BWS-40-40-SA Datasheet
302Kb / 1P
40mil 40V Standard Barrier
More results

Similar Description - BWS

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5577 ATMEL-ATA5577_13 Datasheet
209Kb / 8P
Contactless Power Supply Contactless Read/Write Data Transmission
logo
NXP Semiconductors
SL1MOA2S30 PHILIPS-SL1MOA2S30 Datasheet
34Kb / 7P
Contactless Chip Card Module Specification
July 2001
logo
Carlo Gavazzi Holding A...
CPA050 CARLOGAVAZZI-CPA050 Datasheet
2Mb / 24P
Contactless power analyzers
logo
M-System Co.,Ltd.
M6PSM MSYSTEM-M6PSM Datasheet
97Kb / 3P
POWER SUPPLY MODULE
logo
Festo Corporation.
576569 FESTO-576569 Datasheet
85Kb / 1P
Power supply module
8/7/22
560950 FESTO-560950 Datasheet
79Kb / 1P
Power supply module
8/8/22
560951 FESTO-560951 Datasheet
82Kb / 1P
Power supply module
8/8/22
560952 FESTO-560952 Datasheet
82Kb / 1P
Power supply module
8/8/22
560953 FESTO-560953 Datasheet
83Kb / 1P
Power supply module
8/8/22
573646 FESTO-573646 Datasheet
83Kb / 1P
Power supply module
8/8/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com