Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BWS Datasheet(PDF) 9 Page - Bellnix Co.,Ltd.

Part # BWS
Description  Contactless power supply module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

BWS Datasheet(HTML) 9 Page - Bellnix Co.,Ltd.

Back Button BWS Datasheet HTML 5Page - Bellnix Co.,Ltd. BWS Datasheet HTML 6Page - Bellnix Co.,Ltd. BWS Datasheet HTML 7Page - Bellnix Co.,Ltd. BWS Datasheet HTML 8Page - Bellnix Co.,Ltd. BWS Datasheet HTML 9Page - Bellnix Co.,Ltd. BWS Datasheet HTML 10Page - Bellnix Co.,Ltd. BWS Datasheet HTML 11Page - Bellnix Co.,Ltd. BWS Datasheet HTML 12Page - Bellnix Co.,Ltd. BWS Datasheet HTML 13Page - Bellnix Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Contactless power supply module
BWS Series
9
Bellnix
AC-DC Converter
BWS20170519_C01
7-2. Power transmitting module (BWS50-28S1R5T)
7-2-1. Appearance and dimensions of the inverter circuit board
7-2-2. Appearance and dimensions of the power transmitting transformer
80
100
5
25 max.
単位:mm
指定無き寸法公差:±0.5mm
重量 (typ.) : 80g
Lot No.表示位置
CN2
CN8
4-φ3.2
2.5 max.
動作表示
LED
CN1
CN4
1.6
ペアリング表示銘版位置
27.5 400±20
VHR-4N(JST)
ケーブル径 Φ
3
単位:mm
指定無き寸法公差:±1mm
重量 (typ.) : 260g
52
非接触送電面
アルミケース
Lot No. 表示位置
型名 表示位置
22
43
ペアリング
表示銘版位置
4-M3 深さ7
Lot NO indication position
Pairing indication plate position
Operation
indication LED
Units: mm
Unspecified dimensional tolerances: ±0.5mm
Weight (typ.): 80g
Units: mm
Unspecified dimensional tolerances: ±1mm
Weight (typ.): 260g
Pairing indication
plate position
Aluminum housing
Cable diameter
depth 7
Lot NO indication position
Model indication position
Contactless power
transmitting surface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com