Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BWS Datasheet(PDF) 4 Page - Bellnix Co.,Ltd.

Part # BWS
Description  Contactless power supply module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

BWS Datasheet(HTML) 4 Page - Bellnix Co.,Ltd.

  BWS Datasheet HTML 1Page - Bellnix Co.,Ltd. BWS Datasheet HTML 2Page - Bellnix Co.,Ltd. BWS Datasheet HTML 3Page - Bellnix Co.,Ltd. BWS Datasheet HTML 4Page - Bellnix Co.,Ltd. BWS Datasheet HTML 5Page - Bellnix Co.,Ltd. BWS Datasheet HTML 6Page - Bellnix Co.,Ltd. BWS Datasheet HTML 7Page - Bellnix Co.,Ltd. BWS Datasheet HTML 8Page - Bellnix Co.,Ltd. BWS Datasheet HTML 9Page - Bellnix Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Contactless power supply module
BWS Series
4
Bellnix
AC-DC Converter
BWS20170519_C01
6
SW1
イ
ン
バ
ー
タ
回
路
内
部
2
1
7
8
9
+12V
CN4
5-3.
Output voltage accuracy
The output voltage accuracy includes temperature fluctuation, input voltage fluctuation given in
chapter 5-4 and load fluctuation given in chapter 5-5.
The temperature fluctuation range is the temperature range given in chapter 3-1. Operating
environment.
5-4.
Input fluctuation
This fluctuation values is for input voltage in the range of AC85V~
AC264V”, at rated load.
5-5.
Load fluctuation
This fluctuation value is for load current in the range of 75%~100%, at rated input voltage.
Because for light load (0% - about 55%) the intermittent operation mode is assumed, this condition is
excluded from the definition range of the load fluctuation.
About intermittent operation mode see chapter 5-9-2.
5-6.
Overcurrent protection in power transmitting module
AN excessive current flows in the power transmitting module when the power receiving transformer
is located beyond the power feeding distance, when a metal object is caught between power
transmitting and receiving transformers or when overload occurs. In this case the protection circuit in
the inverter detects the excessive current and stops the output of the power transmitting module. For
operation mode see chapter 5-9-3 Protection operation.
The output stop state is maintained for 10 minutes; output is restored automatically after this time
has passed.
5-7. ON/OFF control
Using the ON/OFF control of this product, it is possible to turn inverter operation ON/OFF without
connecting or disconnecting the input.
Connect the connector CN4 as shown below.
+12V(CN4-1 pin) and RC_IN_+(CN4-6 pin) :
connect SW1.
GND(CN4-2 pin) and RC_IN_G(CN4-7 pin) :
short these terminals.
Inverter operation can be controlled using SW1 switch.
・SW1 SHORT :
Output ON
・SW1 OPEN
:
Output OFF
Since the internal circuit of the ON / OFF control function is electrically isolated by photo coupler, it
can also be used when external circuit must be electrically isolated from the module. Electrically
isolated RC signal can be used as output synchronized with ON / OFF state.
Usage: RC_IN_+(CN4-6 pin) and RC_IN_G(CN4-7 pin)
・DC8V~DC26V voltage applied (inflow current 5ma max) : Output ON
・Open (no voltage applied)
: Output OFF
RC signal output: RC_OUT_+(CN4-8 pin) and RC_OUT_G(CN4-9 pin)
・Applied voltage: 24V max.
CN4
connector
Compatible
housing
Terminals
B10B-XH-A
XHP-10
SXH-001T-P0.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com