Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BWS Datasheet(PDF) 8 Page - Bellnix Co.,Ltd.

Part # BWS
Description  Contactless power supply module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

BWS Datasheet(HTML) 8 Page - Bellnix Co.,Ltd.

Back Button BWS Datasheet HTML 4Page - Bellnix Co.,Ltd. BWS Datasheet HTML 5Page - Bellnix Co.,Ltd. BWS Datasheet HTML 6Page - Bellnix Co.,Ltd. BWS Datasheet HTML 7Page - Bellnix Co.,Ltd. BWS Datasheet HTML 8Page - Bellnix Co.,Ltd. BWS Datasheet HTML 9Page - Bellnix Co.,Ltd. BWS Datasheet HTML 10Page - Bellnix Co.,Ltd. BWS Datasheet HTML 11Page - Bellnix Co.,Ltd. BWS Datasheet HTML 12Page - Bellnix Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Contactless power supply module
BWS Series
8
Bellnix
AC-DC Converter
BWS20170519_C01
7. Structure, appearance and pin assignment
7-1. PFC module (BWS50-28S1R5P)
7-1-1.
Appearance and dimensions of the PFC circuit board
7-1-2. Pin assignment of the PFC circuit board
CN No.
Terminal
name
Terminal type
Terminal
No.
Indication
Electrical function
CN1
L
Connector:
<B3P5-VH : JST>
1
1
Input AC100V/200V
N
3
-
Input AC100V/200V
FG
5
5
Frame ground
CN2
+Vout
Connector:
<B3P-VH : JST>
1
1
Output DC360V
-
2
-
-Vout
3
3
PGND
*
Connect harness BWSH01 to CN1, and harness BWSH02 to CN2.
4-φ3.5
90
100
5
3.5 max.
1.6
CN2
Lot No.表示位置
CN1
単位:mm
指定無き寸法公差:±0.5mm
重量 (typ.) : 200g
Lot NO indication
position
Units: mm
Unspecified dimensional tolerances: ±0.5mm
Weight (typ.): 200g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com