Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BWS Datasheet(PDF) 11 Page - Bellnix Co.,Ltd.

Part # BWS
Description  Contactless power supply module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

BWS Datasheet(HTML) 11 Page - Bellnix Co.,Ltd.

Back Button BWS Datasheet HTML 5Page - Bellnix Co.,Ltd. BWS Datasheet HTML 6Page - Bellnix Co.,Ltd. BWS Datasheet HTML 7Page - Bellnix Co.,Ltd. BWS Datasheet HTML 8Page - Bellnix Co.,Ltd. BWS Datasheet HTML 9Page - Bellnix Co.,Ltd. BWS Datasheet HTML 10Page - Bellnix Co.,Ltd. BWS Datasheet HTML 11Page - Bellnix Co.,Ltd. BWS Datasheet HTML 12Page - Bellnix Co.,Ltd. BWS Datasheet HTML 13Page - Bellnix Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Contactless power supply module
BWS Series
11
Bellnix
AC-DC Converter
BWS20170519_C01
7-3. Power receiving module (BWS50-28S1R5R)
7-3-1. Rectifier + CCCV circuit board
7-3-2. Appearance and dimensions of the power receiving transformer
50
25 max.
単位:mm
指定無き寸法公差:±0.5mm
重量 (typ.) : 85g
TB1
TB2
CN1
Lot No. 表示位置
68
4 -φ 3.5
60
2
4
A1
52
27.5
150±10
ケーブル径Φ
5.5
単位:mm
指定無き寸法公差:±1mm
重量 (typ.) : 280g
非接触受電面
RG3-3
アルミケース
Lot No. 表示位置
型名 表示位置
22
43
4-M3 深さ7
A2
Units: mm
Unspecified dimensional tolerances: ±0.5mm
Weight (typ.): 85g
Units: mm
Unspecified dimensional tolerances: ±1mm
Weight (typ.): 280g
Lot NO indication
position
Cable diameter
Aluminum housing
depth 7
Contactless power
transmitting surface
Lot NO indication position
Model indication position



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com