Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BWS Datasheet(PDF) 5 Page - Bellnix Co.,Ltd.

Part # BWS
Description  Contactless power supply module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

BWS Datasheet(HTML) 5 Page - Bellnix Co.,Ltd.

  BWS Datasheet HTML 1Page - Bellnix Co.,Ltd. BWS Datasheet HTML 2Page - Bellnix Co.,Ltd. BWS Datasheet HTML 3Page - Bellnix Co.,Ltd. BWS Datasheet HTML 4Page - Bellnix Co.,Ltd. BWS Datasheet HTML 5Page - Bellnix Co.,Ltd. BWS Datasheet HTML 6Page - Bellnix Co.,Ltd. BWS Datasheet HTML 7Page - Bellnix Co.,Ltd. BWS Datasheet HTML 8Page - Bellnix Co.,Ltd. BWS Datasheet HTML 9Page - Bellnix Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Contactless power supply module
BWS Series
5
Bellnix
AC-DC Converter
BWS20170519_C01
3
インバータ回路内部
2
CN4
絶縁電源
410Ω
+
制
御
IC
外付けLED
・Inflow current:1mA min. 5mA max.
・
A 0Ω resistor is connected internally to RC_OUT_G(CN4-9 pin).
5-8. LED control circuit
A surface-mounted LED (part no.: LED1) used for
status indication is installed in the inverter circuit. For
indication pattern refer to chapter 5-9 Operation modes.
The CN4-3 pin of the inverter is synchronized with the
surface-mounted LED installed on the same board, and
can be used to control externally connected LED.
When using external LED, prepare separate isolated
power source. Connect the negative terminal of the
isolated power source to the pin CN4-2, connect the
positive terminal of the power source to anode of the LED,
and connect cathode of the LED to the CN4-3 pin.
In this case the maximum current flowing through the CN4-3 pin will be 9mA. Maximum voltage
that can be applied to the CN4-3 pin is 50V. When using external LED, make sure that these
maximum allowable voltage and current are not exceeded.
5-9. Operation modes
Inverter operation is controlled by microcontroller installed in the inverter of the power transmitting
module. There are three operation modes depending on the load conditions: continuous operation,
intermittent operation and protection operation.
5-9-1. Continuous operation: used when output load of the product is 55% or higher of the rated load
In this operation mode the module operates continuously while lithium ion battery is being
charged with constant current, and after switching to constant voltage charging until the charging
current lowers to the levels given below. Although affected by gap and displacement of
transmitting and receiving transformers, and environment surrounding the mounting position,
the following standard thresholds are used for switching to the intermittent operation mode.
・Minimal gap and displacement: about 55% of the rated load.
・Maximal gap and displacement: about 25% of the rated load
5-9-2. Intermittent operation: used when output load of the product lowers
This operation mode is used when it is assumed that lithium ion battery is being charged at
constant voltage and the charging current has decreased. Although affected by gap and
displacement of transmitting and receiving transformers, and environment surrounding the
mounting position, the following standard thresholds are used for switching to the intermittent
operation mode.
・Minimal gap and displacement: 55% or less of the rated load.
・Maximal gap and displacement: 25% or less of the rated load.
*After repeating the intermittent operation for 1 minute, output stops for 10 minutes. Operation
is restarted 10 minutes after stopping. The operation can also be restarting by switching the
ON/OFF control again.
Voltage of
RC-IN-+
to RC-IN-G
Inverter output
LED output
1.5S
Internal connections
of the inverter circuit
External LED
Isolated
power source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com