Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL602USB Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # GL602USB
Description  USB KEYBOARD MICROCONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GL602USB Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button GL602USB Datasheet HTML 6Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 7Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 8Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 9Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 10Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 11Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 12Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 13Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Revision 1.6
-10-
02/28/2000
07h
87h
08h
88h
09h
89h
0Ah
PCHBUF
8Ah
PCHBUF
0Bh
INTEN
8Bh
INTEN
0Ch
8Ch
0Dh
8Dh
0Eh
8Eh
0Fh
8Fh
10h
DEVCTL
11h
EVTFLG
12h
DEVADR
13h
RXCTL0
14h
TXCTL0
15h
TXCTL123
16h
FFDAT0
17h
FFDAT123
18h
DRVSEL
19h
SENSE
1Ah
FFRST
1Bh
MODESEL
1Ch
PS2CTL
1Dh
EPSEL
1Eh
SERCTL
1Fh
SERDAT
20h
7Fh
General
Purpose
Registers
(96 bytes)
FFh
Bank 0
Bank 1
Figure 4-2 Data Memory Space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com