Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL602USB Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # GL602USB
Description  USB KEYBOARD MICROCONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GL602USB Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button GL602USB Datasheet HTML 14Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 15Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 16Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 17Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 18Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 19Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 20Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 21Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
Revision 1.6
-18-
02/28/2000
R/W
R/W
R/W
R/W
PSDIS
PS2
PS1
PS0
PSDIS: Prescaler disable bit
1: Set prescaler disable
0: Set prescaler enable
PS[2:0]: Prescaler rate select bits. These bits are used to control timer speed. The following table means that how
many instruction cycles the TIMER register should be added by 1 when PSDIS = 0.
Bit Value
Timer Rate
(PSDIS = 0)
000
1:2
001
1:4
010
1:8
011
1:16
100
1:32
101
1:64
110
1:128
111
1:256
Value on POR: “- - - - 1 1 1 1”
PORT1CON (Address 86h, Port 1 direction control register)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
P1CON7
P1CON6
P1CON5
P1CON4
P1CON3
P1CON2
P1CON1
There is a data direction control bit to match every pin of Port 1. The direction control bits can configure these pins as
output or input. Setting a PORT1CON register bit put the corresponding output driver in a hi-impedance mode.
Clearing a bit in the PORT1CON register puts the contents of the output latch on the selected pin.
Value on POR: “1 1 1 1 1 1 1 -”
4.4 GENERAL PURPOSE I/O PORTS
Interface with peripherals is conducted via up to 7 GPIO signals. The 7 signals are located at port 1. The port 1 data
register is located at data memory address 06h and direction control register is located at address 86h.
The GL602USB builds in a PS/2 host data receiver. While this receiver enabled, the Port 1.1 is treated as PS/2 CLK
and Port 1.2 is treated as PS/2 DATA. Firmware uses these 2 pins to implement a PS/2 mouse host controller. When
the PS/2 host want to send command to PS/2 device, firmware should drive the 2 I/O pins directly following PS/2
specification.
There are 2 bytes FIFO used as PS/2 data buffer. When the PS/2 receiver has received a data byte already and
firmware does not read it yet, the PS/2 receiver can receive the next data byte into FIFO still. If the firmware cannot
process the first byte until the second byte received complete, the PS/2 receiver will drive low on Port 1.1 (PS/2 CLK)
automatically to avoid the PS/2 device send data again.
P1.3 is VPP pin at OTP. This I/O pin can be used only at mask type.
The Port 1.5/Port 1.6/Port 1.7 can be treat as general purpose output pins in output mode. There are internal pull up
resistors on those pins. Firmware can drive high on these pins to turn off LEDs and drive low to turn off these pins.
External resistors are needed for these LED pins to sink current .
4.5 TIMER INTERRUPT
The Timer Interrupt is generated when the TIMER register overflows from FFh to 00h. This overflow sets bit TMROF
(INTEN<2>). The interrupt can be masked by clearing bit TMROEN (INTEN<5>). Bit TMROF must be cleared in
software by the Timer module interrupt service routine otherwise the Timer Interrupt will not be generated again. If
prescaler is disabled, the timer register will increase every instruction cycle. If prescaler is enabled, its increment cycle
depends on PS0~PS2 bits in PSCON register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com