Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL602USB Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # GL602USB
Description  USB KEYBOARD MICROCONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GL602USB Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button GL602USB Datasheet HTML 10Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 11Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 12Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 13Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 14Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 15Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 16Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 17Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
Revision 1.6
-14-
02/28/2000
R/O
R/O
R/O
R/O
R/O
R/O
R/O
R/O
SENSE8
SENSE7
SENSE6
SENSE5
SENSE4
SENSE3
SENSE2
SENSE1
Key matrix sense input port
All SENSE1~SENSE8 bits indicate state of the corresponding SENSE1~SENSE8 pins.
Value on POR: “X X X X X X X X”
FFRST (Address 1Ah, FIFO reset register)
W/O
W/O
FFRST123
FFRST0
FFRST123: Reset endpoint 1/2/3 FIFO read/write pointer
Write “1” to this bit will reset endpoint 1/2/3 FIFO read/write pointer. Data in endpoint 1/2/3 FIFO remain
unchanged. Before data are written into endpoint 1/2/3 FIFO, EPSEL should be set correctly then FFRST123
should be set.
FFRST0: Reset endpoint 0 FIFO read/write pointer
Write “1” to this bit will reset endpoint 0 FIFO read/write pointer. Data in endpoint 0 FIFO remain
unchanged. Before data are read/written into endpoint 0 FIFO, FFRST0 should be set first.
MODESEL (Address 1Bh, Mode select register)
R/W
R/W
OSCSTP
PWRON
OSCSTP: Suspend clock stop control bit
1: Clock is stopped while suspend
0: Clock is not stopped while suspend
PWRON: Power reset indicator
1: Power on reset detected
0: USB bus reset detected
Value on POR: “- - - - - - 0 1”
USBIOCTL (Address 1Ch, I/O control register for USB D+/D-)
R/W
R/W
R/W
R/W
DMOE
DPOE
DM
DP
DMOE: D- pin output enable control bit
1: D- pin digital output enable
0: D- pin digital output disable
DPOE: D+ pin output enable control bit
1: D+ pin digital output enable
0: D+ pin digital output disable
DM: Digital output value of D- pin. This pin is open drain output. Output high will be tri-stated.
DP: Digital output value of D+ pin. This pin is open drain output. Output high will be tri-stated.
Value on POR: “- - - - 1 1 0 0”
EPSEL (Address 1Dh, Endpoint select register)
R/W
R/W
R/W
EPSEL3
EPSEL2
EPSEL1
EPSEL[3: 1]: Endpoint select control bits
Bit Value
Endpoint to be selected
001
Endpoint 1
010
Endpoint 2
100
Endpoint 3
Value on POR: “- - - - - X X X”
SERCTL (Address 1Eh, PS/2 or RS232 mouse port control register)
R/WC
R/W
RXFLG
SRXEN
RXFLG: Data received flag on PS/2 interface
1: Data received and saved in SERBUF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com