Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL602USB Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # GL602USB
Description  USB KEYBOARD MICROCONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GL602USB Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button GL602USB Datasheet HTML 16Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 17Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 18Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 19Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 20Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 21Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 22Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 23Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
Revision 1.6
-20-
02/28/2000
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
Common Mode Input Voltage (volts)
Figure 4-3 Differential Input Sensitivity over Entire Common Mode Range
The data receivers for all types of devices must be able to properly decode the differential data in the presence of
jitter. The more of the bit time that any data edge can occupy and still be decoded, the more reliable the data
transfer will be. Data receivers are required to decode differential data transitions that occur in a window plus and
minus a nominal quarter bit time from the nominal (centered) data edge position. Jitter will be caused by the delay
mismatches and by mismatches in the source and destination data rates (frequencies).
D
Diiffffe
erre
en
nttiia
all
D
Da
atta
a L
Liin
ne
es
s
P
Pa
aiirre
ed
d
T
Trra
an
ns
siittiio
on
ns
s
N
N ** T
TPPEER
RIIO
OD
D
+
+ T
TJJR
R2
2
T
TPPEERRIIO
OD
D
C
Co
on
ns
se
ec
cu
uttiiv
ve
e
T
Trra
an
ns
siittiio
on
ns
s
N
N ** T
TPPEER
RIIO
OD
D +
+ T
TJJR
R1
1
T
TJJR
R
T
TJJR
R1
1
T
TJJR
R2
2
Figure 4-4 Receiver Jitter Tolerance
The source of data can have some variation (jitter) in the timing of edges of the data transmitted. The time between
any set of data transitions is N*TPeriod ± jitter time, where N is the number of bits between the transitions and TPeriod
is defined as the actual period of the data rate. The data jitter is measured with the same capacitive load used for
maximum rise and fall times and is measured at the crossover points of the data lines.
For low-speed transmissions, the jitter time for any consecutive differential data transitions must be within
±25ns
and within
±10ns for any set of paired differential data transitions. These jitter numbers include timing variations
due to differential buffer delay, rise/fall time mismatches, internal clock source jitter, noise and other random
effects.
The output rise time and fall time are measured between 10% and 90% of the signal. Edge transition time for the
rising and falling edges of low-speed signals is 75ns (minimum) into a capacitive load (CL) of 50pF and 300ns
(maximum) into a capacitive load of 350pF. The rising and falling edges should be transitioning (monotonic)
smoothly when driving the cable to avoid excessive EMI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com