Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL602USB Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # GL602USB
Description  USB KEYBOARD MICROCONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GL602USB Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button GL602USB Datasheet HTML 5Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 6Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 7Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 8Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 9Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 10Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 11Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 12Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
Revision 1.6
-9-
02/28/2000
4. FUNCTIONAL DESCRIPTION
The Genesys Logic GL602USB micro-controller is optimized for PC keyboard. This USB microcontroller
conforms to the low-speed (1.5Mbps) requirements of the USB Specification version 1.1. The micro-controller is a
self-contained unit with an USB SIE, an USB transceiver, an 8-bit RISC-like microcontroller, a timer, data and
program memories. It supports one USB device address and four endpoints (include endpoint 0).
4.1 MEMORY ORGANIZATION
The memory in the microcontroller is organized into user program memory in program ROM and data memory
in SRAM space.
4.1.1 Program Memory Organization
The 12-bit Program Counter (PC) is capable of addressing 4K x 14 of program space. All of the 4K * 14 ROM
space can be used. The program memory space is divided into two functional groups: Interrupt Vectors and
program code. After a reset, the Program Counter points to location zero of the program space and all registers
are reset to the default value. After a timer interrupt, the Program Counter points the location 0x0004 of the
program space.
Address
After Reset
0x0000
Reset Vector
After Timer Interrupt
0x0004
Timer Interrupt Vector
0x0005
0x0FFF
4K x 14 ROM
Figure 4-1 Program Memory Space
4.1.2 Data Memory Organization
The data memory is partitioned into two Banks that contain the General Purpose Registers, MCU Function
Registers and USB Function Registers. Bit BS is the bank select bit.
BS (STATUS<5>) = 1
→ Bank 1
BS (STATUS<5>) = 0
→ Bank 0
The lower locations of each Bank are reserved for MCU Function Registers and USB Function Registers.
Above the MCU Function Registers and USB Function Registers are General Purpose Registers implemented
as SRAM. Both Bank 0 and Bank 1 contain MCU Function Registers. USB Function Registers are located in
Bank 0. Some “high use” MCU Function Registers from Bank 0 are mirrored in Bank 1 for code reduction and
quicker access.
Data
Memory
Address
Data Memory
Address
00h
INDR
80h
INDR
01h
TIMER
81h
PSCON
02h
PCL
82h
PCL
03h
STATUS
83h
STATUS
04h
INDAR
84h
INDAR
05h
85h
06h
PORT1
86h
PORT1CON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com