Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL602USB Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # GL602USB
Description  USB KEYBOARD MICROCONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GL602USB Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button GL602USB Datasheet HTML 20Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 21Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 22Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 23Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 24Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 25Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 26Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 27Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
Revision 1.6
-24-
02/28/2000
5.2
Suspend/Resume/Wakeup
SU SPD = 1
D is a ble e x t e r nal
PS / 2 m o u s e
po w e r if ne ede d
Se t P W RDN b it
t o e n t e r po w e r do w n m ode
W a it fo r r e s u m e o r w a k e u p
E nab le ex t e r n al
PS/ 2 m o u s e
po w e r if ne ede d
R ESU M E = 1
W r i t e '1 ' t o c lear
SU SP D
W r i t e '1 ' t o c lear
RE SU M E
W r it e '1 ' t o c le a r
W AKEU P
S u s pen d &
w a k e up p r o c es s
co m p le t e
Ke y b o a r d is
r e al ly pr es s e d
?
Ye s
No
No
Se t W AKE b it t o d r i v e
'K ' s t a t e o n U S B
Ye s
D e la y a bou t 1 m s
t o c le a r W AKE b it



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com