Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL602USB Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # GL602USB
Description  USB KEYBOARD MICROCONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GL602USB Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button GL602USB Datasheet HTML 27Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 28Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 29Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 30Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 31Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 32Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 33Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 34Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 35Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
Revision 1.6
-32-
02/28/2000
frequency
Transition time
tR
Rise time
75
ns
CL = 50pF
300
ns
CL = 350pF
tF
Fall time
75
ns
CL = 50pF
300
ns
CL = 350pF
tRFM
Rise/Fall time matching
80
120
%
tR / tF
VCRS
Output signal crossover
voltage
1.3
2.0
V
tDRATE
Low speed data rate
1.4775
676.8
1.5225
666.0
Mbs
ns
1.5Mbs
± 1.5%
Source differential driver
jitter
tUDJ1
To next transition
-25
25
ns
tUDJ2
For paired transition
-10
10
ns
CL = 350pF measured at
crossover point
Receiver data jitter
tolerance
tDJR1
To next transition
-75
75
ns
tDJR2
For paired transition
-45
45
ns
CL = 350pF measured at
crossover point
tEOPT
Source EOP width
1.25
1.50
µs
Measured at crossover point
tDEOP
Differential to EOP
transition skew
-40
100
ns
Measured at crossover point
Receiver EOP width
tEOPR1
Must reject as EOP
330
ns
tEOPR2
Must accept
675
ns
Measured at crossover point
Notes:
1. ISB measured with USB in suspend mode; using external square wave clock source (FOSC = 6MHz); transceiver pull-
up resistor of 1.5K
Ω between V3.3 and D- and 15KΩ termination resistors on D+ and D- pins; no port pins sourcing
current. The ISB value is including power consumed by external resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com