Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL602USB Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # GL602USB
Description  USB KEYBOARD MICROCONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GL602USB Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button GL602USB Datasheet HTML 13Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 14Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 15Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 16Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 17Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 18Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 19Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 20Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
Revision 1.6
-17-
02/28/2000
STATUS (Address 03h, Status register)
R/W
R/W
R/W
R/W
BS
ZO
HC
CA
BS: Bank Select. Because only 7 bits (bit 0~bit 6) operand implied by instruction for register address, this bit is used
as address bit 7 when register access.
1: Bank 1 (80h-FFh)
0: Bank 0 (00h-7Fh)
ZO: Zero bit
1: The result of last arithmetic or logic operation is zero
0: The result of last arithmetic or logic operation is not zero
HC: Half Carry/Borrow bit
1: Carry or not borrow from the 4
th low order bit
0: Borrow or not carry from the 4
th low order bit
CA: Carry/Borrow bit
1: Carry or not borrow from the most significant bit
0: Borrow or not carry from the most significant bit
Value on POR: “- - 0 - - 0 0 0”
INDAR: (Address 04h/84h, Indirect address register)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
INDAR7
INDAR6
INDAR5
INDAR4
INDAR3
INDAR2
INDAR1
INDAR0
Any instruction using the INDF register actually accesses the register pointed by the INDAR register.
Value on POR: “x x x x x x x x”
[1]
Note 1: “x” means unknown
PORT1 (Address 06h, Port 1 data register)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
PORT 1.7
PORT1.6
PORT1.5
PORT1.4
PORT1.3
PORT1.2
PORT1.1
PORT1 is a 7-bits latch for Port 1.1~Port 1.7. Reading the PORT1 register gets the status on the pins. Writing to it will
write to the port latch. All write operations are read-modify-write operations. PORT1CON is used to enable/disable
every bits of the port latch.
Value on POR: “x x x x x x x -”
PCHBUF (Address 0Ah/8Ah, Write buffer of Program Counter’s bit 11-8)
R/W
R/W
R/W
R/W
PCHBUF3
PCHBUF2
PCHBUF1
PCHBUF0
Write buffer for upper 4-bits of Program Counter. The upper byte of Program Counter is not directly accessible.
PCHBUF is a holding register for the PC[11:8] that are transferred to the upper byte of the Program Counter when
branch occur. Please see PCL register to get more detail information.
Value on POR: “- - - 0 0 0 0 0”
INTEN (Address 0Bh/8Bh, Interrupt enable register)
R/W
R/W
R/W
GIE
TMROEN
TMROF
GIE: Global interrupt enable bit
1: Enable all interrupts
0: Disable all interrupts
TMROEN: Timer overflow interrupt enable bit
1: Enable timer interrupt
0: Disable timer interrupt
TMROF: Timer overflow interrupt flag bit. This bit should be cleared to ‘0’ by firmware after it is set by hardware.
1: Timer register has overflowed
0: Timer register did not overflow
Value on POR: “0 - 0 - - 0 - -“
PSCON (Address 81h, Prescaler control register)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com