Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL602USB Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # GL602USB
Description  USB KEYBOARD MICROCONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GL602USB Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button GL602USB Datasheet HTML 8Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 9Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 10Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 11Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 12Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 13Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 14Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 15Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Revision 1.6
-12-
02/28/2000
WAKEUP: Remote wakeup bit
1: Remote wakeup from P1.1~P1.4 or SENSE1~SENSE8 was detected
0: Remote wakeup was not detected
RESUME: Global resume bit
1: Global resume (USB D+/D- toggle) was detected
0: Global resume was not detected
SUSPD: Global suspend bit
1: Global suspend (USB idle more than 3ms) was detected
0: Global suspend was not detected
EP3TX: Endpoint 3 transmitting status bit
1: Data has been sent from endpoint 3
0: Data has not been sent from endpoint 3
EP2TX: Endpoint 2 transmitting status bit
1: Data has been sent from endpoint 2
0: Data has not been sent from endpoint 2
EP1TX: Endpoint 1 transmitting status bit
1: Data has been sent from endpoint 1
0: Data has not been sent from endpoint 1
EP0TX: Endpoint 0 transmitting status bit
1: Data has been sent from endpoint 0
0: Data has not been sent from endpoint 0
EP0RX: Endpoint 0 receiving status bit
1: Data has been received by endpoint 0
0: Data has not been received by endpoint 0
Value on POR: “0 0 0 0 0 0 0 0”
Note 1: “R/W1C” means read-only and write “1” to clear bit
DEVADR (Address 12h, USB device address register)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
DADR6
DADR5
DADR4
DADR3
DADR2
DADR1
DADR0
Write this register to set the USB device address
Value on POR: “0 0 0 0 0 0 0 0”
RXCTL0 (Address 13h, Endpoint 0 receive control register)
R/W
R/O
[1]
R/O
R/O
R/W
R/W
R/W
R/W
RXDIS
RXST2
RXST1
RXST0
RXCNT3
RXCNT2
RXCNT1
RXCNT0
RXDIS: Endpoint 0 receiving not available bit
1: Endpoint 0 FIFO is not available. The received data cannot be pushed into FIFO. The USB controller will
respond with a NAK to a valid OUT transaction. This bit is set by hardware when endpoint 0 data is received
(both SETUP and OUT transaction).
0: Endpoint 0 FIFO is available for data receiving
RXST[2:0]: RXST[2:0] indicate the PID received.
Bit Value
Packet received
100
SETUP token with DATA0 packet
010
OUT token with DATA0 packet
011
OUT token with DATA1 packet
RXCNT[3:0]: Number of bytes received from endpoint 0.
Value on POR: “0 X X X X X X X”
Note 1: “R/O” means read-only bit
TXCTL0 (Address 14h, Endpoint 0 transmit control register)
R/W
R/W
R/W
R/W
R/W
R/W
TXSEQ
TXOE
TXCNT3
TXCNT2
TXCNT1
TXCNT0
TXSEQ: Endpoint 0 transmitting sequence bit
1: Transmitting data use DATA1 as PID
0: Transmitting data use DATA0 as PID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com