Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL602USB Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # GL602USB
Description  USB KEYBOARD MICROCONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GL602USB Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  GL602USB Datasheet HTML 1Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 2Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 3Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 4Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 5Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 6Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 7Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 8Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
Revision 1.6
-5-
02/28/2000
2. FUNCTIONAL OVERVIEW
The GL602USB is an 8-bit RISC-like high performance microcontroller with a built-in 1.5Mbps SIE and
transceiver. The microcontroller features 33 instructions optimized for USB keyboard. There are 96 bytes on-
chip RAM and 4K x 14 bits program ROM incorporated into the micro-controller. The micro-controller features
18 output pins and 8 input pins to make a 18 x 8 key matrix. Additionally, 3 GPIO pins are strong enough to
drive LEDs. 4 GPIO pins can be used by any function, for example, support a PS/2 3D mouse to USB 3D mouse
converter in the default firmware. Legacy USB cable can be used for keyboard in USB mode. All GPIO ports
feature low EMI emissions as a result of improved output drivers with slew-rate control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com