Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS625LSG Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # ATS625LSG
Description  True Zero-Speed Low-Jitter High Accuracy Gear Tooth Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS625LSG Datasheet(HTML) 4 Page - Allegro MicroSystems

  ATS625LSG Datasheet HTML 1Page - Allegro MicroSystems ATS625LSG Datasheet HTML 2Page - Allegro MicroSystems ATS625LSG Datasheet HTML 3Page - Allegro MicroSystems ATS625LSG Datasheet HTML 4Page - Allegro MicroSystems ATS625LSG Datasheet HTML 5Page - Allegro MicroSystems ATS625LSG Datasheet HTML 6Page - Allegro MicroSystems ATS625LSG Datasheet HTML 7Page - Allegro MicroSystems ATS625LSG Datasheet HTML 8Page - Allegro MicroSystems ATS625LSG Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
True Zero-Speed Low-Jitter High Accuracy
Gear Tooth Sensor
ATS625LSG
4
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
OPERATING CHARACTERISTICS with 60+2 reference target
Operational Air Gap
AG
Measured from sensor branded face to
target tooth
0.5
–
2.5
mm
Relative Timing Accuracy, Sequen-
tial Mechanical Rising Edges
ERRRR
Relative to measurement taken at
AG = 1.5 mm
–
–
±0.4
deg.
Relative Timing Accuracy, Sequen-
tial Mechanical Falling Edges
ERRFF
Relative to measurement taken at
AG = 1.5 mm
–
–
±0.4
deg.
Relative Timing Accuracy, Signa-
ture Mechanical Rising Edge4
ERRSIGR
Relative to measurement taken at
AG = 1.5 mm
–
–
±0.4
deg.
Relative Timing Accuracy, Signa-
ture Mechanical Falling Edge5
ERRSIGF
Relative to measurement taken at
AG = 1.5 mm
–
–
±1.5
deg.
Relative Repeatability, Sequential
Rising and Falling Edges6
TθE
360° Repeatability, 1000 edges; peak-peak
sinusoidal signal with BPEAK ≥ BIN(min) and
6° period
–
–
0.08
deg.
Operating Signal7
BIN
AG(min) < AG < AG(max)
60
–
–
G
1 Test condition is ICC(max) + 3 mA.
2 Upper limit is ICC(max) + 3 mA.
3 Power-on speed ≤ 200 rpm. Refer to the Sensor Description section for information on start-up behavior.
4 Detection accuracy of the update algorithm for the first rising mechanical edge following a signature region can be adversely affected by the magnetic
bias of the signature region. Please consult with Allegro field applications engineering for aid with assessment of specific target geometries.
5 Detection accuracy of the update algorithm for the falling edge of the signature region is highly dependent upon specific target geometry. Please consult
with Allegro field applications engineering for aid with assessment of specific target geometries.
6 The repeatability specification is based on statistical evaluation of a sample population.
7 Peak-to-peak magnetic flux strength required at Hall elements for complying with operational characteristics.
Operating Characteristics, continued Valid at TA = –40°C to 150°C, TJ ≤TJ(max), over full range of AG, unless otherwise noted;
typical operating parameters: VCC = 12 V and TA = 25°C
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com