Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS625LSG Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # ATS625LSG
Description  True Zero-Speed Low-Jitter High Accuracy Gear Tooth Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS625LSG Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button ATS625LSG Datasheet HTML 7Page - Allegro MicroSystems ATS625LSG Datasheet HTML 8Page - Allegro MicroSystems ATS625LSG Datasheet HTML 9Page - Allegro MicroSystems ATS625LSG Datasheet HTML 10Page - Allegro MicroSystems ATS625LSG Datasheet HTML 11Page - Allegro MicroSystems ATS625LSG Datasheet HTML 12Page - Allegro MicroSystems ATS625LSG Datasheet HTML 13Page - Allegro MicroSystems ATS625LSG Datasheet HTML 14Page - Allegro MicroSystems ATS625LSG Datasheet HTML 15Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
True Zero-Speed Low-Jitter High Accuracy
Gear Tooth Sensor
ATS625LSG
11
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Undervoltage Lockout
When the supply voltage falls below the undervoltage lockout
level, VCCUV, the device switches to the OFF state. The device
remains in that state until the voltage level is restored to to the
VCC operating range. Changes in the target magnetic profile
have no effect until voltage is restored. This prevents false sig-
nals caused by undervoltage conditions from propagating to the
output of the sensor.
Power Supply Protection
The device contains an on-chip regulator and can operate over
a wide range of supply voltage levels. For applications using an
unregulated power supply, transient protection must be added
externally. For applications using a regulated supply line, EMI
and RFI protection may still be required. The circuit shown in
figure 5 is the basic configuration required for proper device
operation. Contact Allegro field applications engineering for
information on the circuitry required for compliance to various
EMC specifications.
Internal Electronics
The ATS625LSG contains a self-calibrating Hall effect IC
that possesses two Hall elements, a temperature compensated
amplifier and offset cancellation circuitry. The IC also contains
a voltage regulator that provides supply noise rejection over the
operating voltage range. The Hall transducers and the electron-
ics are integrated on the same silicon substrate by a proprietary
BiCMOS process. Changes in temperature do not greatly affect
this device due to the stable amplifier design and the offset rejec-
tion circuitry.
4
VCC
VS
Sensor Output
GND
VOUT
AUX
CBYPASS
0.1 µF
RPU
ATS625
1
2
3
Figure 5. Power Supply Protection Typical Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com