Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS625LSG Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # ATS625LSG
Description  True Zero-Speed Low-Jitter High Accuracy Gear Tooth Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS625LSG Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button ATS625LSG Datasheet HTML 2Page - Allegro MicroSystems ATS625LSG Datasheet HTML 3Page - Allegro MicroSystems ATS625LSG Datasheet HTML 4Page - Allegro MicroSystems ATS625LSG Datasheet HTML 5Page - Allegro MicroSystems ATS625LSG Datasheet HTML 6Page - Allegro MicroSystems ATS625LSG Datasheet HTML 7Page - Allegro MicroSystems ATS625LSG Datasheet HTML 8Page - Allegro MicroSystems ATS625LSG Datasheet HTML 9Page - Allegro MicroSystems ATS625LSG Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
True Zero-Speed Low-Jitter High Accuracy
Gear Tooth Sensor
ATS625LSG
6
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Characteristic Data: Electrical
0
5
10
15
20
25
30
-50
-25
0
25
50
75
100
125
150
175
0
5
10
15
20
25
30
-50
-25
0
25
50
75
100
125
150
175
-50
-25
0
25
50
75
100
125
150
175
-50
-25
0
25
50
75
100
125
150
175
ICC(ON) Versus VCC
ICC(OFF) Versus VCC
ICC(ON) Versus TA
ICC(OFF) Versus TA
IOUT(OFF) Versus TA
VOUT(SAT) Versus TA
Voltage (V)
Temperature (°C)
Voltage (V)
Temperature (°C)
Temperature (°C)
Temperature (°C)
5
6
7
8
9
10
11
12
13
14
5
6
7
8
9
10
11
12
13
14
-10
-8
-6
-4
-2
0
2
4
6
8
10
5
6
7
8
9
10
11
12
13
14
5
6
7
8
9
10
11
12
13
14
0
50
100
150
200
250
300
350
400
Vcc = 26.5V
Vcc = 20V
Vcc = 12V
Vcc = 4V
Vcc = 24V
Vcc = 20V
Vcc = 12V
Vcc = 4V
IOUT (mA)
25
20
15
10
5
VCC (V)
26.5
20.0
12.0
4.0
VCC (V)
24.0
20.0
12.0
4.0
VOUT (V)
26.5
20.0
12.0
4.0
TA (°C)
-40
0
25
85
150
TA (°C)
-40
0
25
85
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com