Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS625LSG Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # ATS625LSG
Description  True Zero-Speed Low-Jitter High Accuracy Gear Tooth Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS625LSG Datasheet(HTML) 1 Page - Allegro MicroSystems

  ATS625LSG Datasheet HTML 1Page - Allegro MicroSystems ATS625LSG Datasheet HTML 2Page - Allegro MicroSystems ATS625LSG Datasheet HTML 3Page - Allegro MicroSystems ATS625LSG Datasheet HTML 4Page - Allegro MicroSystems ATS625LSG Datasheet HTML 5Page - Allegro MicroSystems ATS625LSG Datasheet HTML 6Page - Allegro MicroSystems ATS625LSG Datasheet HTML 7Page - Allegro MicroSystems ATS625LSG Datasheet HTML 8Page - Allegro MicroSystems ATS625LSG Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
GND
VOUT
VCC
PPeak
Output
Transistor
Current
Limit
0.1 F
C
BYPASS
V+
Voltage
Regulator
AUX
Hall
Amp
Automatic
Gain
Control
V
PROC
PDAC
NDAC
Reference
Generator
NPeak
PThresh
NThresh
Threshold
Logic
Threshold
Comparator
(Recommended)
Description
The ATS625 true zero-speed gear tooth sensor is an optimized
Hall IC and magnet configuration packaged in a molded module
that provides a manufacturer-friendly solution for digital gear
tooth sensing applications. The sensor assembly consists of an
over-molded package that holds together a samarium cobalt
magnet, a pole piece concentrator, and a true zero-speed Hall
IC that has been optimized to the magnetic circuit. This small
package can be easily assembled and used in conjunction with
gears of various shapes and sizes.
The sensor incorporates a dual-element Hall IC that switches
in response to differential magnetic signals created by a ferrous
target. Digital processing of the analog signal provides zero-
speed performance independent of air gap as well as dynamic
adaptation of device performance to the typical operating
conditions found in automotive applications (reduced vibration
sensitivity). High-resolution peak detecting DACs are used to
set the adaptive switching thresholds of the device. Switchpoint
hysteresis reduces the negative effects of any anomalies in
the magnetic signal associated with the targets used in many
automotive applications. This sensor system is optimized
ATS625LSG-DS, Rev. 2
Features and Benefits
▪ Highly repeatable over operating temperature range
▪ Tight timing accuracy over operating temperature range
▪ True zero-speed operation
▪ Air-gap–independent switchpoints
▪ Vibration immunity
▪ Large operating air gaps
▪ Defined power-on state
▪ Wide operating voltage range
▪ Digital output representing target profile
▪ Single-chip sensing IC for high reliability
True Zero-Speed Low-Jitter
High Accuracy Gear Tooth Sensor
Continued on the next page…
Functional Block Diagram
Not to scale
Package: 4 pin SIP (suffix SG)
ATS625LSG
Continued on the next page…


Similar Part No. - ATS625LSG

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS622LSB ALLEGRO-ATS622LSB Datasheet
153Kb / 12P
TRUE ZERO-SPEED HALL-EFFECT GEAR-TOOTH SENSOR
ATS622LSB ALLEGRO-ATS622LSB Datasheet
193Kb / 17P
True Zero Speed Hall Effect Adaptive Gear Tooth Sensors
May 1, 2006
ATS627 ALLEGRO-ATS627 Datasheet
504Kb / 22P
True Zero Speed, Low Jitter, High Accuracy Position Sensor IC
ATS627LSG ALLEGRO-ATS627LSG Datasheet
504Kb / 22P
True Zero Speed, Low Jitter, High Accuracy Position Sensor IC
ATS627LSGTN-T ALLEGRO-ATS627LSGTN-T Datasheet
504Kb / 22P
True Zero Speed, Low Jitter, High Accuracy Position Sensor IC
More results

Similar Description - ATS625LSG

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS622LSB ALLEGRO-ATS622LSB Datasheet
153Kb / 12P
TRUE ZERO-SPEED HALL-EFFECT GEAR-TOOTH SENSOR
ATS660LSB ALLEGRO-ATS660LSB Datasheet
214Kb / 16P
TRUE ZERO-SPEED, HALL-EFFECT ADAPTIVE GEAR-TOOTH SENSOR
ATS645LSH ALLEGRO-ATS645LSH Datasheet
408Kb / 14P
True Zero Speed Miniature Gear Tooth Sensor
ATS665LSG ALLEGRO-ATS665LSG Datasheet
559Kb / 18P
True Zero Speed, High Accuracy, Gear Tooth Sensor
ATS665LSG ALLEGRO-ATS665LSG_05 Datasheet
791Kb / 17P
True Zero Speed, High Accuracy, Gear Tooth Sensor
19Dec05
ATS667LSG ALLEGRO-ATS667LSG Datasheet
330Kb / 14P
True Zero-Speed, High Accuracy Gear Tooth Sensor IC
ATS627LSG ALLEGRO-ATS627LSG Datasheet
504Kb / 22P
True Zero Speed, Low Jitter, High Accuracy Position Sensor IC
ATS627 ALLEGRO-ATS627 Datasheet
504Kb / 22P
True Zero Speed, Low Jitter, High Accuracy Position Sensor IC
ATS667 ALLEGRO-ATS667 Datasheet
429Kb / 14P
True Zero-Speed, High Accuracy Gear Tooth Sensor IC
ATS668LSM ALLEGRO-ATS668LSM Datasheet
1Mb / 13P
True Zero-Speed High-Accuracy Gear Tooth Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com