Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS625LSG Datasheet(PDF) 15 Page - Allegro MicroSystems

Part # ATS625LSG
Description  True Zero-Speed Low-Jitter High Accuracy Gear Tooth Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS625LSG Datasheet(HTML) 15 Page - Allegro MicroSystems

Back Button ATS625LSG Datasheet HTML 11Page - Allegro MicroSystems ATS625LSG Datasheet HTML 12Page - Allegro MicroSystems ATS625LSG Datasheet HTML 13Page - Allegro MicroSystems ATS625LSG Datasheet HTML 14Page - Allegro MicroSystems ATS625LSG Datasheet HTML 15Page - Allegro MicroSystems ATS625LSG Datasheet HTML 16Page - Allegro MicroSystems ATS625LSG Datasheet HTML 17Page - Allegro MicroSystems ATS625LSG Datasheet HTML 18Page - Allegro MicroSystems ATS625LSG Datasheet HTML 19Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
True Zero-Speed Low-Jitter High Accuracy
Gear Tooth Sensor
ATS625LSG
15
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Sensor and Target Evaluation
-400
-350
-300
-250
-200
-150
-100
-50
0
50
100
150
200
250
300
0
30
60
90
120
150
180
Target Rotation (°)
0.75
1.00
1.50
2.00
2.50
3.00
AG
(mm)
Magnetic Map, Reference Target 60+2 with ATS625
0
100
200
300
400
500
600
700
800
0.5
1.0
1.5
2.0
2.5
3.0
3.5
AG (mm)
Air Gap Versus Magnetic Field, Reference Target 60+2 with ATS625
Magnetic Profile
In order to establish the proper operating specification for a
particular sensor and target system, a systematic evaluation of
the magnetic circuit should be performed. The first step is the
generation of a magnetic map of the target. By using a calibrated
device, a magnetic profile of the system is made. Figure 10 is a
magnetic map of the 60+2 reference target.
A single curve can be derived from this map data, and be used to
describe the peak-to-peak magnetic field strength versus the size
of the air gap, AG. This allows determination of the minimum
amount of magnetic flux density that guarantees operation of the
sensor, BIN, so the system designer can determine the maximum
allowable AG for the sensor and target system. Referring to fig-
ure 11, a BIN of 60 G corresponds to a maximum AG of approxi-
mately 2.5 mm.
Figure 10. Magnetic Data for the Reference Target 60+2 with ATS625. In the top panel, the Signature Region appears in the center of the plot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com